Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH3216-R12M Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # CDH3216-R12M
Description  SMD Power Inductors Unshielded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH3216-R12M Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  CDH3216-R12M Datasheet HTML 1Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 2Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 3Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 4Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 5Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 6Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 7Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 8Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
1
1. Configuration & Dimensions
Dimensions [mm]
Series
A
B
C
D(typ.)
E
F(ref.)
G(ref.)
H(ref.)
I(ref.)
K(ref.)
CDH3216
3.20±0.3
1.60±0.3
1.85±0.30
1.10
0.90 min.
—
3.80
2.00
1.50
0.80
CDH32
3.20±0.3
2.50±0.3
2.00±0.40
1.30
1.20 ref.
1.20
3.80
2.80
1.40
1.00
CDH3225
3.20±0.3
2.50±0.3
2.00±0.40
1.30
1.20 ref.
1.20
3.80
2.80
1.40
1.00
CDH3226
3.20±0.3
2.50±0.3
1.55±0.15
1.30
1.20 ref.
1.20
3.80
2.80
1.40
1.00
CDH45
4.50±0.3
3.20±0.3
2.60±0.30
1.30
1.60 ref.
2.00
5.40
3.60
2.00
1.40
CDH45A
4.50±0.3
3.20±0.3
2.60±0.40
1.30
1.60 ref.
2.00
5.40
3.60
2.00
1.40
CDH45B
4.50±0.3
3.20±0.3
2.60±0.40
1.30
1.60 ref.
2.00
5.40
3.60
2.00
1.40
2. Schematic Diagram
3. Materials
a.- Core : Ferrite core
b.- Wire : Enamelled copper wire (class F)
c.- Terminal : Ag / Ni / Sn
d.- Remark : Lead content 200ppm max. include ferrite


Similar Part No. - CDH3216-R12M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDH300 CENTRAL-CDH300 Datasheet
68Kb / 1P
SILICON LOW LEAKAGE DIODE
CDH300 CENTRAL-CDH300 Datasheet
72Kb / 1P
Silicon Low Leakage Diode
CDH300 CENTRAL-CDH300_15 Datasheet
72Kb / 1P
Silicon Low Leakage Diode
logo
Sumida Corporation
CDH30D11D SUMIDA-CDH30D11D Datasheet
144Kb / 3P
SMD Power Inductor
CDH30D11DMB SUMIDA-CDH30D11DMB Datasheet
146Kb / 3P
SMD Power Inductor
More results

Similar Description - CDH3216-R12M

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
UNSHIELDED SMD POWER INDUCTORS
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
SMD Unshielded Power Inductors
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
Unshielded SMD Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
SMD Unshielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com