Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH3216-R12M Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # CDH3216-R12M
Description  SMD Power Inductors Unshielded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH3216-R12M Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  CDH3216-R12M Datasheet HTML 1Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 2Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 3Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 4Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 5Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 6Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 7Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 8Page - PREMO CORPORATION S.L CDH3216-R12M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
40ºC max. (CDH3216)
a.- Temp. rise
20ºC max. (CDH32…CDH45B)
b.- Rated current (Irms) : Current cause inductance
drop within10% max.
c.- Storage temp. : -40ºC ~ +125ºC
-40ºC ~ +105ºC (CDH3216, CDH3226)
d.- Operating temp.
-25ºC ~ +105ºC (CDH32, CDH3225, CDH45,
CDH45A, CDH45B)
e.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
CDH3216 (0.12µH – 100µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(KHz)
SRF
(MHz)
min.
RDC
(
Ω)
max.
IDC
(mA)
max.
CDH3216 – R12M
0.12±20%
1
250.0
0.112
970
CDH3216 – R22M
0.22±20%
1
250.0
0.140
850
CDH3216 – R33M
0.33±20%
1
300.0
0.160
800
CDH3216 – R47M
0.47±20%
1
180.0
0.210
700
CDH3216 – 1R0M
1.00±20%
1
100.0
0.392
510
CDH3216 – 2R2M
2.20±20%
1
50.0
0.574
430
CDH3216 – 4R7M
4.70±20%
1
31.0
0.910
340
CDH3216 – 100K
10.00±10%
1
20.0
1.820
230
CDH3216 – 220K
22.00±10%
1
14.0
4.200
160
CDH3216 – 470K
47.00±10%
1
10.0
11.200
100
CDH3216 – 101K
100.00±10%
1
7.0
16.800
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com