Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4530 Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PS4530
Description  SMD Power Inductors Shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS4530 Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PS4530 Datasheet HTML 1Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 2Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 3Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 4Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 5Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 6Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PS1608
PS1608
PS1608
PS1608 & PS4530
PS4530
PS4530
PS4530
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
a.- Temp. rise : 30ºC max.
b.- Storage temp. : -40ºC ~ +125ºC
c.- Operating temp. : -40ºC ~ +105ºC
d.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PS1608
PS1608
PS1608
PS1608 (1µH – 10000µH)
Test Freq.
DWG No.
Inductance
(
µµµµH)
Q
min.
L
(KHz)
Q
(KHz)
SRF
(MHz)
nom.
RDC
(
Ω
Ω
Ω
Ω)
max.
Irms
(A)
max.
Isat
(A)
typ.
PS1608 – 1R0M
1.0±20%
10
100
500
250
0.040
3.000
1.200
PS1608 – 1R5M
1.5±20%
20
100
500
125
0.045
2.800
0.920
PS1608 – 2R2M
2.2±20%
25
100
500
120
0.050
1.800
0.800
PS1608 – 3R3M
3.3±20%
40
100
200
120
0.055
1.600
0.620
PS1608 – 4R7M
4.7±20%
40
100
200
105
0.060
1.400
0.500
PS1608 – 6R8M
6.8±20%
40
100
200
50
0.065
1.200
0.400
PS1608 – 100M
10.0±20%
40
100
200
38
0.075
1.000
0.320
PS1608 – 150M
15.0±20%
40
100
100
33
0.090
0.800
0.260
PS1608 – 220M
22.0±20%
40
100
100
25
0.110
0.700
0.240
PS1608 – 330M
33.0±20%
40
100
100
20
0.190
0.600
0.160
PS1608 – 470M
47.0±20%
40
100
100
20
0.230
0.500
0.140
PS1608 – 680M
68.0±20%
40
100
100
15
0.290
0.400
0.120
PS1608 – 101M
100.0±20%
40
100
100
10
0.480
0.300
0.100
PS1608 – 151M
150.0±20%
40
100
100
9
0.590
0.260
0.080
PS1608 – 221M
220.0±20%
40
100
100
6
0.770
0.220
0.070
PS1608 – 331M
330.0±20%
40
100
100
5
1.400
0.200
0.050
PS1608 – 471M
470.0±20%
40
100
100
4
1.800
0.190
0.045
PS1608 – 681M
680.0±20%
40
100
100
3
2.200
0.180
0.040
PS1608 – 102M
1000.0±20%
40
100
100
2
3.400
0.150
0.028
PS1608 – 152M
1500.0±20%
50
100
100
2
4.200
0.120
0.024
PS1608 – 222M
2200.0±20%
50
100
100
2
8.500
0.100
0.020



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com