Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4530 Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PS4530
Description  SMD Power Inductors Shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS4530 Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PS4530 Datasheet HTML 1Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 2Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 3Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 4Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 5Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 6Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS1608
PS1608
PS1608
PS1608 & PS4530
PS4530
PS4530
PS4530
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PS1608
PS1608
PS1608
PS1608 (1µH – 10000µH)
PS1608 – 332M
3300.0±20%
50
100
100
1
11.000
0.080
0.018
PS1608 – 472M
4700.0±20%
50
100
100
1
13.900
0.060
0.014
PS1608 – 682M
6800.0±20%
50
100
100
1
25.000
0.040
0.012
PS1608 – 103M
10000.0±20%
50
100
100
0.8
32.800
0.020
0.010
PS4530
PS4530
PS4530
PS4530 (1000µH – 10000µH)
DWG No.
Inductance
(
µµµµH)
Q
min.
Test Freq.
L
(KHz)
Insulation
(M )
Core - Winding
SRF
(MHz)
typ.
RDC
( )
max.
IDC
(mA)
max.
PS4530 – 102M
1000±20%
50
100
> 10
2.0
9
100
PS4530 – 152M
1500±20%
50
100
> 10
1.0
11
80
PS4530 – 222M
2200±20%
50
100
> 10
1.0
19
50
PS4530 – 332M
3300±20%
50
100
> 10
1.0
24
40
PS4530 – 472M
4700±20%
50
100
> 10
1.0
30
30
PS4530 – 682M
6800±20%
50
100
> 10
0.9
56
20
PS4530 – 103M
10000±20%
50
100
> 10
0.8
74
10
[Inductance tested at 0.1V] [Irms base on temp. rise 30ºC] [Isat base on ∆L/L0A = 10 %] [Electrical Specifications at 25ºC]
6. Curve
Inductance VS. DC Current Curve
PS1608



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com