Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT674 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT674
Description  FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT674 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT674 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPT674
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VEE = 0 to +5 V, VDD = +5 V, fS = 117 kHz, fIN = 10 kHz, unless otherwise specified.
TEST
TEST
SPT674C
SPT674B
PARAMETER
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS4
Stand-Alone Mode Timing
tHRL Low R/C Pulse Width
VI
25
25
ns
tDS STS Delay from R/C
VI
200
200
ns
tHDR Data Valid After R/C Low
VI
25
25
ns
tHS STS Delay After Data Valid
VI
100
300
600
100
300
600
ns
tHRH High R/C Pulse Width
VI
100
100
ns
tDDR Data Access Time
VI
150
150
ns
Sample-and-Hold
Aperture Delay
VEE = +5 V
IV
20
20
ns
Aperture Uncertainty Time
VEE = +5 V
V
300
300
ps, RMS
Figure 4 -
High Pulse for R/C - Outputs Enabled While
R/C is High, Otherwise High Impedance
Figure 3 - Low Pulse for R/C - Outputs Enabled
After Conversion
R/C
t
HRL
DATA VALID
DATA VALID
DB11-DB0
STS
t
DS
t
C
t
HDR
t HS
DB11-DB0
t
HRH
STS
t
C
t
DDR
t
DS
t
HDR
DATA VALID
HIGH-Z
R/C
HIGH-Z
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = 25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI
5
8/1/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com