Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT674 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT674
Description  FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT674 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT674 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT674 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPT674
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VEE = 0 to +5 V, VDD = +5 V, fS = 117 kHz, fIN = 10 kHz, unless otherwise specified.
TEST
TEST
SPT674C
SPT674B
PARAMETER
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Power Supplies Operating
Voltage Range
VDD
IV
+4.5
+5.5
+4.5
+5.5
Volts
VEE2
IV
VDD
VDD
Volts
Operating Current
IDD
IV
15
24
15
24
mA
IEE2VEE = +5 V
IV
167
167
µA
Power Dissipation
VI
75
120
75
120
mW
Internal Reference
Voltage
VI
2.4
2.5
2.6
2.4
2.5
2.6
Volts
Output Current3
VI
0.5
0.5
mA
DIGITAL CHARACTERISTICS
Logic Inputs
(CE, CS , R/C , Ao, 12/8 )
Logic 0
VI
-0.5
+0.8
-0.5
+0.8
Volts
Logic1
VI
2.0
5.5
2.0
5.5
Volts
Current
VI
-5.0
0. 1
5.0
-5.0
0. 1
5.0
µA
Capacitance
V
5
5
pF
Logic Outputs
(DB11-DB0, STS)
Logic 0
(ISink = 1.6 mA)
VI
+0.4
+0.4
Volts
Logic 1
(ISOURCE = 500 µA)
VI
+2.4
+2.4
Volts
Leakage
(High Z State,
VI
-5
0.1
+5
-5
0.1
+5
µA
DB11-DB0 Only)
Capacitance
V
5
5
pF
AC Accuracy
fS=117 kHz, fIN=10 kHz
Spurious Free Dyn. Range
V
73
78
76
78
dB
Total Harmonic Distortion
V
-77
-72
-77
-75
dB
Signal-to-Noise Ratio
V
69
72
71
72
dB
Signal-to-Noise & Distortion
V
68
71
70
71
dB
(SINAD)
Intermodulation Distortion
fIN=20 kHz;
V
-75
-75
dB
fIN2=23 kHz
Note 1: Fixed 50
Ω resistor from REF OUT to REF IN and REF OUT to BIP OFF.
Note 2: VEE is optional and is only used to set the mode for the internal sample/hold. When not using VEE, the pin should be treated
as a no connect. If VEE is connected to 0 to -15 V, aperture delay (tAP) will increase from 20 ns (typ) to 4000 ns (typ).
Note 3: Available for external loads; external load should not change during conversion.
3
8/1/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com