Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN0502-331M Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # PN0502-331M
Description  SMD Power Inductors Unshielded
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0502-331M Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  PN0502-331M Datasheet HTML 1Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 2Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 3Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 4Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 5Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 6Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 7Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 8Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
PN0502 (100µH – 2700µH)
PN0502 – 471M
470.0±20%
32
100
7.96
6.5
140
130
PN0502 – 561M
560.0±20%
45
100
7.96
8.8
125
120
PN0502 – 681M
680.0±20%
40
100
7.96
10.5
110
105
PN0502 – 821M
820.0±20%
35
100
7.96
12.0
97
95
PN0502 – 102M
1000.0±20%
42
100
2.52
16.0
85
85
PN0502 – 122M
1200.0±20%
44
100
2.52
18.5
76
80
PN0502 – 152M
1500.0±20%
40
100
2.52
22.0
70
72
PN0502 – 182M
1800.0±20%
40
100
2.52
28.5
65
68
PN0502 – 222M
2200.0±20%
40
100
2.52
34.5
60
62
PN0502 – 272M
2700.0±20%
40
100
2.52
40.0
53
55
PN0602 (1µH – 1000µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(mΩ)
max.
Irms
(A)
∆T=40ºC
max.
Isat
(A)
∆L/L0A=10%
typ.
PN0602 – 1R0M
1.0±20%
14
100
7.96
90.0
30.0
4.50
4.60
PN0602 – 1R4M
1.4±20%
14
100
7.96
80.0
35.0
4.00
4.20
PN0602 – 1R8M
1.8±20%
13
100
7.96
70.0
40.0
3.30
3.50
PN0602 – 2R2M
2.2±20%
13
100
7.96
60.0
45.0
3.00
3.20
PN0602 – 2R7M
2.7±20%
13
100
7.96
55.0
50.0
2.80
3.00
PN0602 – 3R3M
3.3±20%
12
100
7.96
50.0
55.0
2.60
2.90
PN0602 – 3R9M
3.9±20%
12
100
7.96
45.0
60.0
2.40
2.70
PN0602 – 4R7M
4.7±20%
11
100
7.96
40.0
70.0
2.20
2.40
PN0602 – 5R6M
5.6±20%
11
100
7.96
36.0
85.0
2.00
2.30
PN0602 – 6R8M
6.8±20%
11
100
7.96
32.0
100.0
1.80
2.00
PN0602 – 8R2M
8.2±20%
11
100
7.96
30.0
110.0
1.60
1.90
PN0602 – 100M
10.0±20%
15
100
2.52
26.0
140.0
1.50
1.70
PN0602 – 120M
12.0±20%
15
100
2.52
24.0
150.0
1.40
1.60
PN0602 – 150M
15.0±20%
15
100
2.52
22.0
180.0
1.30
1.45
PN0602 – 180M
18.0±20%
15
100
2.52
20.0
220.0
1.20
1.30
PN0602 – 220M
22.0±20%
15
100
2.52
18.0
280.0
1.00
1.10
PN0602 – 270M
27.0±20%
12
100
2.52
16.0
320.0
0.90
1.05
PN0602 – 330K
33.0±10%
12
100
2.52
15.0
420.0
0.85
1.00
PN0602 – 390K
39.0±10%
12
100
2.52
14.0
480.0
0.75
0.80
PN0602 – 470K
47.0±10%
12
100
2.52
12.0
560.0
0.73
0.75
PN0602 – 560K
56.0±10%
12
100
2.52
11.0
700.0
0.65
0.70
PN0602 – 680K
68.0±10%
12
100
2.52
10.0
820.0
0.60
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com