Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN0502-331M Datasheet(PDF) 6 Page - PREMO CORPORATION S.L

Part # PN0502-331M
Description  SMD Power Inductors Unshielded
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0502-331M Datasheet(HTML) 6 Page - PREMO CORPORATION S.L

Back Button PN0502-331M Datasheet HTML 2Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 3Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 4Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 5Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 6Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 7Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 8Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 9Page - PREMO CORPORATION S.L PN0502-331M Datasheet HTML 10Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
6
PN0602 (1µH – 1000µH)
PN0602 – 820K
82.0±10%
12
100
2.52
9.5
1100.0
0.52
0.60
PN0602 – 101K
100.0±10%
22
100
0.796
8.5
1250.0
0.46
0.55
PN0602 – 121K
120.0±10%
22
100
0.796
8.0
1350.0
0.40
0.52
PN0602 – 151K
150.0±10%
22
100
0.796
7.0
1650.0
0.36
0.46
PN0602 – 181K
180.0±10%
24
100
0.796
6.5
1900.0
0.30
0.40
PN0602 – 221K
220.0±10%
24
100
0.796
6.0
2200.0
0.28
0.35
PN0602 – 271K
270.0±10%
24
100
0.796
5.5
3000.0
0.26
0.30
PN0602 – 331K
330.0±10%
34
100
0.796
5.0
3800.0
0.20
0.25
PN0602 – 391K
390.0±10%
34
100
0.796
4.5
4300.0
0.18
0.22
PN0602 – 471K
470.0±10%
36
100
0.796
4.0
5200.0
0.16
0.20
PN0602 – 561K
560.0±10%
36
100
0.796
3.8
6500.0
0.14
0.18
PN0602 – 681K
680.0±10%
36
100
0.796
3.5
7500.0
0.13
0.16
PN0602 – 821K
820.0±10%
36
100
0.796
3.0
9800.0
0.10
0.14
PN0602 – 102K
1000.0±10%
36
100
0.252
2.6
11000.0
0.08
0.12
PN0603 (1.5µH – 470µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(Ω)
max.
IDC
(A)
max.
PN0603 – 1R5M
1.5±20%
24
1
7.96
85.0
0.040
3.00
PN0603 – 2R5M
2.5±20%
21
1
7.96
74.0
0.045
2.35
PN0603 – 3R3M
3.3±20%
21
1
7.96
68.0
0.048
2.20
PN0603 – 3R9M
3.9±20%
22
1
7.96
62.0
0.050
2.10
PN0603 – 4R7M
4.7±20%
20
1
7.96
56.0
0.066
1.80
PN0603 – 5R0M
5.0±20%
19
1
7.96
50.0
0.070
1.60
PN0603 – 6R8M
6.8±20%
19
1
7.96
44.0
0.110
1.38
PN0603 – 7R5M
7.5±20%
19
1
7.96
38.0
0.120
1.29
PN0603 – 100M
10.0±20%
24
1
2.52
34.0
0.150
1.14
PN0603 – 120M
12.0±20%
23
1
2.52
30.0
0.160
1.02
PN0603 – 150M
15.0±20%
22
1
2.52
28.0
0.180
0.93
PN0603 – 180M
18.0±20%
23
1
2.52
24.0
0.250
0.82
PN0603 – 220M
22.0±20%
20
1
2.52
20.0
0.275
0.75
PN0603 – 270M
27.0±20%
19
1
2.52
19.0
0.300
0.67
PN0603 – 330K
33.0±10%
23
1
2.52
15.0
0.450
0.61
PN0603 – 390K
39.0±10%
22
1
2.52
13.0
0.460
0.56
PN0603 – 470K
47.0±10%
20
1
2.52
13.0
0.550
0.52
PN0603 – 560K
56.0±10%
17
1
2.52
12.0
0.615
0.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com