Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT1175 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT1175
Description  8-BIT, 20 MSPS CMOS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1175 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT1175 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPT1175
TYPICAL INTERFACE CIRCUIT
The SPT1175 is an 8-bit analog-to-digital converter which
uses a two-step, ping-pong architecture to perform conver-
sions up to 20 MSPS. Figure 2 shows the typical interface
requirements when using the SPT1175 in normal operation.
The following sections describe the function and operation of
the device.
POWER SUPPLIES AND GROUNDING
The SPT1175 operates from a single +5 V power supply.
AVDD and DVDD must be supplied from the same source
(analog +5 V) to prevent a latch-up condition due to power
supply sequencing. Each power supply pin should be by-
passed as closely as possible to the device. For optimal
performance, both the AGND and DGND should be con-
nected to the system's analog ground plane.
ANALOG INPUT AND VOLTAGE REFERENCE
The SPT1175 input voltage range is VRT>VIN>VRB. Two
reference voltages (VRT and VRB) are required for device
operation. These voltages may be generated externally or
the SPT1175's internal reference may be used.
Inside the SPT1175, reference resistors are placed between
AVDD and VRTS and between AGND and VRBS so that VRTS
and VRBS generate the 2.6 V and 0.6 V references respec-
tively. (See figure 3.) In order to utilize the internal self-bias
reference voltage, VRTS is to be shorted with VRT and the
VRBS pin is to be shorted to the VRB pin. The self-bias internal
reference is not as stable over temperature and supply
variations as externally generated reference voltages but will
perform well in many commercial video applications.
Figure 3 - Reference Circuit Diagram
SPT1175
2.6 V
0.6 V
AGND
0 V
AVDD
5.0V
DIGITAL INPUTS AND OUTPUTS
The analog input is sampled and tracked on the first 'H' cycle
of the external clock and is held from the falling edge of CLK.
The output remains valid (output hold time), and the new data
becomes valid (output delay time) after the rising edge of
CLK, delayed by 2.5 clock cycles. The clock input and output
enable input must be driven at CMOS-compatible levels.
EVALUATION BOARD
The EB1175 evaluation board is available to aid designers in
demonstrating the full performance of the SPT1175. This
board includes a reference circuit, clock driver circuit, output
data latches, and an on-board reconstruction DAC. An appli-
cation note describing the operation of the board is available.
Contact the factory for price and delivery.
Figure 2 - Typical Interface Circuit
2k
R2
R10
DVDD
AVDD
AVDD
VRTS
VRT
AVDD
VIN
AGND
AGND
VRBS
VRB
DGND
CLK
DVDD
D7
D6
D2
D1
DGND
D3
D4
D5
D0
+5 V
13
14
15
16
17
18
19
20
21
22
23
24
12
11
10(MSB)
9
8
7
6
5
4
3 (LSB)
2
1
+5 V
U1
+
_
-15 +15
C28
C29
U2
+
_
C61
C8
10 k
7.5 k
R6
C58
2
3
VIN
2k
+5
750
R1
R9
Q1
4
7
75
R35
3
2
750
R36
R37
750
6 R15
10
C59
C60
-5
+5
750
R8
Q2
R13
200
OE
FB
D1
D2
U1=Eleantec, EL2030
U2=OP.07
D1=D2=RCA, SK9091
Q1=Q2=2N2222A
FR=FairRite, 2743001111
All capacitors are 0.01 µF unless
otherwise specified.
3-ST
+5
EN
Outputs
10
10
10
+
10
+
+
+
NOTE: AVDD and DVDD must be supplied from the same source (Analog +5 V)
to prevent a latch-up condition due to power supply sequencing.
5
6/24/97



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com