Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT1175 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT1175
Description  8-BIT, 20 MSPS CMOS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1175 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT1175 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPT1175
ELECTRICAL SPECIFICATIONS
TA= +25 °C, AVDD=DVDD=+5.0 V, AGND=DGND=0.0 V, VRB=+0.6 V and VRT=+2.6 V, unless otherwise specified.
TEST
TEST
SPT1175
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
8
Bits
DC Accuracy (+25
°C)
Integral Nonlinearity
I
±0.8
±1.2
LSB
Differential Nonlinearity
I
±0.6
±1.0
LSB
No Missing Codes
I
Guaranteed
Analog Input
Input Voltage Range
I
VRB
VRT
V
Input Bias Current
I
±5.0
µA
Input Resistance
VI
100
200
k
Ω
Input Capacitance
V
15
pF
Input Bandwidth
V
12
MHz
Reference Input
Reference Ladder Resistance
I
200
300
400
Ω
Reference Current
I
5.0
6.7
10.0
mA
Reference Input Voltage
VRB
IV
0
0.6
-
V
VRT
IV
-
2.6
2.8
V
Internal Bias
VRB
I
0.55
0.60
0.65
V
VRT-VRB
I
1.9
2.0
2.1
V
Short VRT and VRTS
Short VRB and VRBS
Offset Voltage Error
Top
I
-18
-25
-68
mV
Bottom
I
0
10
40
mV
Timing Characteristics
Maximum Conversion Rate
1 MHz Input Sine Wave
I
20
30
MSPS
Output Data Delay (td)
IV
18
30
ns
Output Data Delay
(High Z)
IV
100
ns
(Tdish, Tdisl)
Data Valid Time
Tri-State Circuit
IV
100
ns
(Teneh, Tenel)
Sampling Time Offset
IV
5
10
ns
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)(1) 25
°C
Supply Voltages
VDD ........................................................... -0.5 to +7.0 V
Input Voltages
Analog Input .............................................. AGND to VDD
Reference Input Voltage ........................... AGND to VDD
ESD Susceptibility(2) .................................................
±1,500 V
Temperature
Operating Temperature ................................. 0 to +70
°C
Junction Temperature ........................................... 175
°C
Lead Temperature, (soldering 10 seconds) .......... 300
°C
Storage Temperature ................................ -55 to +125
°C
Notes: 1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
2.
100 pF discharged through a 1.5 k
Ω resistor (human body model).
NOTE: It is strongly recommended that all of the supply pins (AVDD, DVDD) be powered from the same source.
2
6/24/97



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com