Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT1175ACS Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT1175ACS
Description  8-BIT, 20 MSPS CMOS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1175ACS Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT1175ACS Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPT1175
ELECTRICAL SPECIFICATIONS
TA=+25 °C, AVDD=DVDD=+5.0 V, AGND=DGND=0.0 V, VRB=+0.6 V and VRT=+2.6 V, unless otherwise specified.
TEST
TEST
SPT1175
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Signal-To-Noise Ratio
fS= 20 MSPS
fIN=1.0 MHz
I
44
46
dB
fIN=3.58 MHz
I
43
45
dB
fIN=10 MHz
V
39
dB
Spurious Free
Dynamic Range
fS= 20 MSPS
fIN=1.0 MHz
I
44
47
dB
fIN=3.58 MHz
I
41
44
dB
fIN=10 MHz
V
33
dB
Differential Phase
NTSC 20 IRE Mod Ramp
V
0.7
Degrees
Differential Gain
fS = 14.3 MSPS
V
1.0
%
Digital Inputs
Input Current, Logic High
VDD = 5.25 V, VIH = VDD
I
1.0
µA
Input Current, Logic Low
VDD = 5.25 V, VIL = DGND
I
1.0
µA
Pulse Width High (CLK)
IV
15
ns
Pulse Width Low (CLK)
IV
15
ns
Voltage, Logic High
I
4.0
V
Voltage, Logic Low
I
1.0
V
Digital Outputs
Output Current, High
VDD = 4.75 V
IV
-1.1
mA
Output Current, Low
VDD = 4.75 V
IV
3.5
mA
Output Current, High Z
VDD = 5.25 V, OE= VDD
IV
16
µA
Voltage High
I
4.0
V
Voltage Low
I
0.4
V
Power Supply Requirements
Analog Supply Voltage (AVDD)
IV
+4.75
+5.0
+5.25
V
Digital Supply Voltage (DVDD)
IV
+4.75
+5.0
+5.25
V
Supply Voltage Difference
(AVDD -DVDD)
IV
-0.1
0.0
0.1
V
Supply Current
fS=20 MSPS
I
18
27
mA
Power Dissipation
I
90
135
mW
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample tested
at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and
characterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI
TEST LEVEL CODES
All electrical characteristics are subject to the following
conditions:
All parameters having min/max specifications are guar-
anteed. The Test Level column indicates the specific
device testing actually performed during production
and Quality Assurance inspection. Any blank section in
the data column indicates that the specification is not
tested at the specified condition.
3
6/24/97



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com