Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT1175ACS Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT1175ACS
Description  8-BIT, 20 MSPS CMOS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1175ACS Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT1175ACS Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1175ACS Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT1175
8-BIT, 20 MSPS CMOS A/D CONVERTER
FEATURES
• 20 MSPS Maximum Conversion Rate
• Internal Sample-and-Hold Function
• 90 mW Power Dissipation
• Internal Voltage Reference
• Single +5.0 V Power Supply
• Three-State TTL-Outputs
• CMOS Compatible Clock
APPLICATIONS
• Video Digitizing
• Image Scanners
• Personal Computer Video
• Medical Ultrasound
• Multimedia
• Digital Television
Data
Latches
and
3-State
Output
Buffer
Error
Correction
Circuit
Latch
Coarse
Sampling
Amplifier
Reference Matrix
Timing
Generator
Latch
Analog
Mux
Fine
Sampling
Amplifier
Fine
Sampling
Amplifier
Encoder
Encoder
DGND
DVDD
VRBS
VRB
VIN
VRT
VRTS
AGND
AVD
DVDD
AGND
DØ (LSB)
D1
D2
D3
D4
D5
D6
D7 (MSB)
CLK
OE
GENERAL DESCRIPTION
The SPT1175 is a CMOS two-step A/D converter capable of
digitizing full scale analog input signals into 8-bit digital words
at a sample rate of 20 MSPS.
For most applications, no external sample-and-hold or
video driving amplifiers are required due to the device's
narrow aperture time, wide bandwidth, and low input ca-
pacitance.
The SPT1175 operates from a single +5.0 V power supply
and has an internal voltage reference which eliminates the
need for external reference circuitry. All digital inputs are
CMOS compatible and the tri-state outputs are TTL-compat-
ible. The SPT1175 is ideal for most video and image pro-
cessing applications that require low power dissipation and
low cost. The SPT1175 is available in 24-lead plastic SOIC,
plastic DIP, and PLCC packages over the commercial tem-
perature range (0 to +70
°C). It is also available in die form.
BLOCK DIAGRAM


Similar Part No. - SPT1175ACS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1175ACS ETC1-SPT1175ACS Datasheet
76Kb / 8P
8-BIT, 20 MSPS CMOS A/D CONVERTER
More results

Similar Description - SPT1175ACS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KAD0228BD SAMSUNG-KAD0228BD Datasheet
188Kb / 12P
8-BIT 30 MSPS CMOS A/D CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19101 EMC-EM19101 Datasheet
105Kb / 6P
8-BIT 5 MSPS A/D CONVERTER (CMOS)
logo
fujitsu semiconductor
MB40C938V FUJITSU-MB40C938V Datasheet
127Kb / 13P
20 MSPS 3ch 8-bit D/A Converter
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
logo
List of Unclassifed Man...
SPT175 ETC1-SPT175 Datasheet
76Kb / 8P
8-BIT, 20 MSPS CMOS A/D CONVERTER
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Fairchild Semiconductor
SPT8000 FAIRCHILD-SPT8000 Datasheet
132Kb / 11P
14-BIT, 20 MSPS, CMOS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com