Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022-330M Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # PS5022-330M
Description  SMD Power Inductors Shielded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5022-330M Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  PS5022-330M Datasheet HTML 1Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 8Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PS0804 , PS0805 , PS1003 ,
PS3316=PS1005 & PS5022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
1
1. Configuration & Dimensions
Dimensions [mm]
Series
A
B
C
D
E
F
G(ref.)
H(ref.)
I(ref.)
PS0804
8.0±0.3
10.5±0.3
3.7±0.3
2.1±0.2
2.0±0.2
6.0±0.3
5.7
2.2
2.4
PS0805
8.0±0.3
10.5±0.3
4.5±0.3
2.1±0.2
2.0±0.2
6.0±0.3
5.7
2.2
2.4
PS1003
10.1±0.3
12.7±0.3
2.7±0.3
2.4±0.2
2.5±0.2
7.6±0.3
7.3
2.8
3.0
PS3316
10.0±0.3
12.7±0.3
4.9±0.3
2.4±0.2
2.5±0.2
7.6±0.3
7.3
2.8
3.0
PS5022
14.0±0.5
18.2±0.2
6.8±0.3
2.5±0.2
2.6±0.2
13.0±0.3
12.7
2.9
3.2
2. Schematic Diagram
3. Materials
a.- Core : Ferrite DR core
b.- Core : Ferrite RI core
c.- Wire : Enamelled copper wire (class F)
d.- Base : LCP E4008
e.- Terminal : Cu / Ni / Sn
f.- Adhesive : Epoxy resin
g.- Remark : Lead content 200ppm max. include ferrite


Similar Part No. - PS5022-330M

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
PS5022KT101 SEI-PS5022KT101 Datasheet
512Kb / 6P
SMD Shielded Power Inductor
09/18/2019
PS5022KT103 SEI-PS5022KT103 Datasheet
512Kb / 6P
SMD Shielded Power Inductor
09/18/2019
PS5022KT1R1 SEI-PS5022KT1R1 Datasheet
512Kb / 6P
SMD Shielded Power Inductor
09/18/2019
PS5022KT332 SEI-PS5022KT332 Datasheet
512Kb / 6P
SMD Shielded Power Inductor
09/18/2019
PS5022KT470 SEI-PS5022KT470 Datasheet
512Kb / 6P
SMD Shielded Power Inductor
09/18/2019
More results

Similar Description - PS5022-330M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com