Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022-330M Datasheet(PDF) 10 Page - PREMO CORPORATION S.L

Part # PS5022-330M
Description  SMD Power Inductors Shielded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5022-330M Datasheet(HTML) 10 Page - PREMO CORPORATION S.L

Back Button PS5022-330M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 8Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 9Page - PREMO CORPORATION S.L PS5022-330M Datasheet HTML 10Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PS0804 , PS0805 , PS1003 ,
PS3316=PS1005 & PS5022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
10
9. Reliability Test
Test item
Specification
Test condition
Solderability
More than 90% of the
terminal electrode
shall be covered
with fresh solder
Preheat : 150±25% for 60 seconds
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Solder temp. : 235±5ºC (PS0804,PS0805,PS1003,PS3316)
260±5ºC (PS5022)
Flux : Rosin
Dip time : 4±1 seconds
Thermal shock test
(Temp. cycle)
Room temp.
-25±2ºC
15 minutes
30 minutes
Room temp.
85±2ºC
15 minutes
30 minutes
Total : 50 cycles
Humidity
Resistance test
Temperature : 40±2ºC
Humidity : 90 ~ 95%
Applied current : Per specifications
Time : 500 hours
High temp.
Resistance test
Inductance shall
not change more
than ±20%
Temperature : 105±2ºC
Applied current : Per specifications
Time : 500 hours
10. Edition Control
Edition
Date
Change description
Made by
1st
31/08/06
Update Specification
Pablo Pozo



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com