Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022-470M Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PS5022-470M
Description  SMD Power Inductors Shielded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5022-470M Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PS5022-470M Datasheet HTML 1Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 8Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PS0804 , PS0805 , PS1003 ,
PS3316=PS1005 & PS5022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
a.- Temp. rise : 40ºC max.
b.- Rated current : Base on temp. rise & ∆L/L0A = 10% max.
-40ºC ~ +125ºC (PS0804…PS3316)
c.- Storage temp.
-45ºC ~ +125ºC (PS5022)
d.- Operating temp. : -40ºC ~ +105ºC
e.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PS0804 (5µH – 470µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(
Ω)
max.
IDC
(A)
max.
PS0804 – 5R0M
5.0±20%
20
1
7.96
45.0
0.080
1.70
PS0804 – 7R5M
7.5±20%
20
1
7.96
40.0
0.100
1.40
PS0804 – 100M
10.0±20%
38
1
2.52
32.0
0.120
1.20
PS0804 – 120M
12.0±20%
38
1
2.52
28.0
0.150
1.10
PS0804 – 150L
15.0±15%
38
1
2.52
25.0
0.170
1.00
PS0804 – 180L
18.0±15%
35
1
2.52
23.0
0.190
0.90
PS0804 – 220L
22.0±15%
30
1
2.52
22.0
0.250
0.80
PS0804 – 270L
27.0±15%
28
1
2.52
18.0
0.270
0.70
PS0804 – 330L
33.0±15%
26
1
2.52
17.0
0.300
0.65
PS0804 – 390L
39.0±15%
26
1
2.52
16.0
0.380
0.60
PS0804 – 470K
47.0±10%
24
1
2.52
14.0
0.460
0.55
PS0804 – 560K
56.0±10%
24
1
2.52
12.0
0.600
0.50
PS0804 – 680K
68.0±10%
22
1
2.52
11.0
0.700
0.45
PS0804 – 820K
82.0±10%
20
1
2.52
10.0
0.800
0.40
PS0804 – 101K
100.0±10%
50
1
0.796
9.0
0.950
0.37
PS0804 – 121K
120.0±10%
50
1
0.796
8.5
1.000
0.35
PS0804 – 151K
150.0±10%
53
1
0.796
7.0
1.300
0.30
PS0804 – 181K
180.0±10%
53
1
0.796
6.0
1.450
0.28
PS0804 – 221K
220.0±10%
55
1
0.796
5.5
1.900
0.24
PS0804 – 271K
270.0±10%
50
1
0.796
5.5
2.150
0.22
PS0804 – 331K
330.0±10%
60
1
0.796
5.0
2.800
0.19
PS0804 – 391K
390.0±10%
55
1
0.796
4.5
3.300
0.17
PS0804 – 471K
470.0±10%
50
1
0.796
4.0
3.600
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com