Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022-470M Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PS5022-470M
Description  SMD Power Inductors Shielded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5022-470M Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PS5022-470M Datasheet HTML 1Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 8Page - PREMO CORPORATION S.L PS5022-470M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PS0804 , PS0805 , PS1003 ,
PS3316=PS1005 & PS5022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PS0805 (2.2µH – 1000µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(
Ω)
max.
IDC
(A)
max.
PS0805 – 2R2M
2.2±20%
18
1
7.96
75.00
0.040
2.50
PS0805 – 3R9M
3.9±20%
20
1
7.96
50.00
0.055
2.10
PS0805 – 5R6M
5.6±20%
20
1
7.96
40.00
0.065
1.95
PS0805 – 8R2M
8.2±20%
19
1
7.96
32.00
0.080
1.75
PS0805 – 100M
10.0±20%
40
1
2.52
28.00
0.100
1.50
PS0805 – 120M
12.0±20%
40
1
2.52
24.00
0.120
1.40
PS0805 – 150M
15.0±20%
40
1
2.52
22.00
0.140
1.30
PS0805 – 180L
18.0±15%
40
1
2.52
19.00
0.160
1.20
PS0805 – 220L
22.0±15%
38
1
2.52
17.00
0.180
1.00
PS0805 – 270L
27.0±15%
35
1
2.52
15.50
0.200
1.10
PS0805 – 330L
33.0±15%
40
1
2.52
13.50
0.240
0.92
PS0805 – 390L
39.0±15%
35
1
2.52
12.00
0.260
0.84
PS0805 – 470L
47.0±15%
32
1
2.52
10.50
0.280
0.75
PS0805 – 560K
56.0±10%
30
1
2.52
9.50
0.380
0.68
PS0805 – 680K
68.0±10%
28
1
2.52
9.00
0.440
0.60
PS0805 – 820K
82.0±10%
28
1
2.52
8.50
0.550
0.54
PS0805 – 101K
100.0±10%
45
1
0.796
7.50
0.600
0.50
PS0805 – 121K
120.0±10%
42
1
0.796
7.00
0.750
0.45
PS0805 – 151K
150.0±10%
39
1
0.796
6.50
0.900
0.40
PS0805 – 181K
180.0±10%
41
1
0.796
4.80
1.050
0.35
PS0805 – 221K
220.0±10%
38
1
0.796
4.50
1.180
0.30
PS0805 – 271K
270.0±10%
37
1
0.796
4.20
1.400
0.27
PS0805 – 331K
330.0±10%
36
1
0.796
3.80
1.800
0.24
PS0805 – 471K
470.0±10%
34
1
0.796
3.50
2.250
0.20
PS0805 – 561K
560.0±10%
32
1
0.796
3.00
3.000
0.18
PS0805 – 681K
680.0±10%
32
1
0.796
2.80
3.400
0.17
PS0805 – 821K
820.0±10%
35
1
0.796
2.50
4.000
0.16
PS0805 – 102K
1000.0±10%
35
1
0.252
2.20
5.000
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com