Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5420 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT5420
Description  13-BIT, OCTAL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT5420 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
6/26/01
SPT5420
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VCC = +5.0 V, VDD = +11.5 V, VSS = –8.0 V, VREFT=3.5 V, VREFB = –1.5 V, RL = +10 kΩ, CL = 50 pF, unless otherwise specified.
TEST
TEST
SPT5420
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Accuracy
Resolution
VI
13
Bits
Integral Linearity Error (ILE)
VI
–2.0
±0.5
+2.0
LSB
Differential Linearity Error (DLE)
VI
–1.0
±0.3
+1.0
LSB
Zero-Scale Error
VI
–25
+25
mV
Full Scale Error
VI
–25
+25
mV
Gain Error
VI
–25
+25
mV
Reference Inputs
Input Current
IV
±100
nA
VREFT1
VI
0
+3.5
+5.0
V
VREFB2
VI
–5.0
–1.5
0
V
RGND Inputs
DC Input Impedance
V
60
k
Ω
Input Range
IV
–2.0
2.0
V
Output Characteristics
Output Swing3,4
VI
+7/–3
V
Short Circuit Current
IV
15
mA
Resistive Load
VI
5
k
Ω
DC Output Impedance
IV
1.0
Ω
Digital Inputs
Logic 1 Voltage
VI
2.4
V
Logic 0 Voltage
VI
0.8
V
Maximum Input Current
VI
–10
10
µA/pin
Input Capacitance
V
10
pF
Supply Voltages
VCC ........................................................................ +6 V
VDD ...................................................................... +15 V
VSS ...................................................................... –15 V
Input Voltages
VREFT .................................... VSS –0.3 V to VDD +0.3 V
VREFB ................................... VDD +0.3 V to VSS –0.3 V
Digital inputs .................................... –0.3 V to VCC +0.3 V
Temperature
Operating Temperature .......................... –40 to +85 °C
Storage ................................................ –65 to +150 °C
Notes:
1. VREFT < 8 V + (VSS x 0.5); e.g., if VSS = –8 V, then VREFT < 4 V
2. VREFB > (VDD x 0.5) – 9.5 V; e.g., if VDD = 11 V, then VREFB > –4 V
3. VSS + 2.5 V ≤ VOUT ≤ VSS + 16.0 V for 18.5 V ≤ VDD – VSS ≤ 20.0 V
VSS + 2.5 V ≤ VOUT ≤ VDD – 2.5 V for VDD – VSS ≤ 18.5 V
4. VOUT = 2 X (VREFB +[VREFT – VREFB] X
INPUT CODE
8192
) – VRGND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com