Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5420 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT5420
Description  13-BIT, OCTAL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT5420 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
-
+
-
+
-
+
-
+
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
LE
DQ
LEA7
LE
DQ
7A
7B
LE
DQ
LEA6
LE
DQ
6A
6B
LE
D
Q
LEA5
LE
D
Q
5A
5B
LE
DQ
LEA4
LE
DQ
4A
4B
LE
DQ
LEA3
LE
DQ
3A
3B
LE
DQ
LEA2
LE
DQ
2A
2B
LE
DQ
LEA1
LE
DQ
1A
1B
LE
DQ
LEA0
LE
DQ
0A
0B
Control
Logic
WR
CS
A0–A2
LDAC
LEA0–LEA7
8
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
DAC0
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
VREFT01 VREFB01
CLR
RGND01
RGND23
RGND67
RGND45
D0–D12
LDAC
VREFT2345 VREFB2345 VREFT67VREFB67
LDAC
LDAC
LDAC
LDAC
LDAC
LDAC
LDAC
LDAC
SPT5420
13-BIT, OCTAL D/A CONVERTER
TECHNICAL DATA
JUNE 26, 2001
FEATURES
• 13-bit resolution
• Pin compatible with AD7839
• Eight DACs in one package
• Buffered voltage outputs
• Wide output voltage swing V DD–2.5 V to VSS+2.5 V
• 15 µs settling time to ±0.5 LSB
• Double-buffered digital inputs
• Microprocessor and TTL/CMOS compatible
APPLICATIONS
• Automatic test equipment
• Instrumentation
• Process control
GENERAL DESCRIPTION
The SPT5420 contains eight 13-bit digital-to-analog
CMOS converters designed primarily for automatic test
equipment applications. It uses novel circuit topology to
convert the 13-bit digital inputs into output voltages which
are proportionate to the applied reference voltages. Each
DAC’s full-scale output voltage and output voltage offset
are adjustable with analog inputs (RGND, VREFB, VREFT).
The SPT5420 operates over an industrial temperature
range of –40 °C to +85 °C and is available in a 10 x 10 mm,
44-lead metric quad flat pack (MQFP) plastic package.
BLOCK DIAGRAM


Similar Part No. - SPT5420

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5420 FAIRCHILD-SPT5420 Datasheet
118Kb / 8P
13-BIT, OCTAL D/A CONVERTER
SPT5420SIM FAIRCHILD-SPT5420SIM Datasheet
118Kb / 8P
13-BIT, OCTAL D/A CONVERTER
More results

Similar Description - SPT5420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
Octal 8-Bit CMOS D/A Converter
logo
Fairchild Semiconductor
SPT5420 FAIRCHILD-SPT5420 Datasheet
118Kb / 8P
13-BIT, OCTAL D/A CONVERTER
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
CMOS Octal 8-Bit D/A Converter
1989
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
Dual 13/12-Bit 20/40 MSPS A/D Converter
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
Dual 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1051-40 HITTITE-HMCAD1051-40 Datasheet
756Kb / 14P
Single 13/12-Bit 20/40 MSPS A/D Converter
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
Single 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1100 HITTITE-HMCAD1100 Datasheet
1Mb / 26P
Octal 13/12-Bit 20/40/50 MSPS A/D Co nverter
HMCAD1101 HITTITE-HMCAD1101 Datasheet
1Mb / 24P
Octal 13/12-Bit 65 MSPS A/D Co nverter
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
Octal 8 Bit CMOS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com