Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5510SIM Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT5510SIM
Description  16-BIT, 200 MWPS ECL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5510SIM Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT5510SIM Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
9/27/00
SPT5510
PIN FUNCTIONS
NAME
FUNCTION
D15–D0
Digital Input Bits – all inputs high sends all
current to IOUT, none to IOUT
CLK
Clock – latches D flip-flops
IOUT
Analog Current Output
IOUT
Complementary Analog Current Output
BGOUT
Bandgap Voltage Reference
AMPINB
Ref Amp’s Inverting Input
RSET
Ref Amp’s Non-Inverting Input – connection for
reference-current-setting resistor, nominally
1k
Ω to ground
AMPOUT
Bias Voltage for Output Current Switches –
drives REFIN (on-chip 20 Ω resistor for
compensation)
REFIN
Bias Voltage Node for Output Current Switches
– driven by AMPOUT
AMPB
Used to Decouple Ref Amp’s Circuits to AVEE
AMPCC
AMPOUT plus on-chip 10 Ω series resistor for
compensation
AVEE
Negative Supply – –5.2 V
DGND
Digital Ground Return
OGND
Output Ground Return
REFGND
Reference Amplifier Ground Return
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT5510SIM
–40 to +85
°C
44L MQFP
PIN ASSIGNMENTS
DGND
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
DGND
AVEE
(MSB) D15
D14
D13
D12
D11
D10
D9
D8
CLK
DGND
AVEE
11
10
9
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
31
32
33
SPT5510
44-Pin
MQFP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com