Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5510SIM Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT5510SIM
Description  16-BIT, 200 MWPS ECL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5510SIM Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT5510SIM Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5510SIM Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
9/27/00
SPT5510
THEORY OF OPERATION
The SPT5510 is a segmented 16-bit current-output DAC.
The four MSBs, D15–D12, are decoded to fifteen unit cells
(current sinks). The remaining bits (D11–D0) are binary;
bits D9–D0 are derived from an R-2R ladder. All cells are
laser trimmed for maximum accuracy. The block diagram
shows the basic architecture.
All output cells are always on, with the data determining
whether a given cell’s current is routed from IOUT or IOUT.
This provides nearly constant power dissipation indepen-
dent of data and clock rate. It also reduces noise transients
on power and ground lines.
The reference loop utilizes an MSB-weighted cell and pro-
vides a gain of about 16 to the output. The on-chip refer-
ence amplifier has very high open-loop gain and is offset
trimmed to provide a very low temperature drift (typically
<10 ppm/
°C gain drift).
POWER SUPPLY AND GROUNDING
The SPT5510 requires a single –5.2V power supply. All
supply pins attach to a common on-chip power bus and
should be treated as analog supplies. For best settling per-
formance, each supply pin should be decoupled as shown
in figure 1 – typical interface circuit.
There are three separate on-chip ground busses. DGND
pins should be tied together and connected to system
ground through a ferrite bead. REFGND and OGND pins
should be tied directly to the SPT5510’s ground plane and
connected to system ground through a ferrite bead. It is
critical that REFGND and OGND are very tightly coupled,
as any differential signal (dc offset, noise, etc.) will be
transmitted to the output. Two of the OGND pins can be
disconnected from the ground plane and used as sense
lines for a current-to-voltage converter, as shown in the
OUTPUTS section.
1
2
3
4
5
6
7
8
25
26
27
28
29
30
31
32
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
C12
10 pF
C13
20 pF
50
IOUT
IOUT
41
36
C1–C13 — SURFACE MOUNT CERAMIC CHIP
C14–C17 — TANTALUM
R1–R6 — CARBON FILM 1/4 W
R7–R10 — SURFACE MOUNT CERAMIC CHIP
FB — FERRITE BEAD is to be located as closely
to the device as possible.
SPT5510
AVEE
R10
FB
AVEE
Input
Data
Output
Complementary
Output
Figure 1 – Typical Interface Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com