Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7710AIJ Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7710AIJ
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7710AIJ Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7710AIJ Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
8/17/01
SPT7710
Figure 1 – Typical Interface Circuit 1
Analog Input
Can Be Either
Force Or Sense
127
2
1
Preamp
Comparator
151
152
63
64
ECL
Latches
And
Buffers
VR2
VRTF
LINV
MINV
2
D1
D2
D3
D4
D5
D6
MSB D7
LSB D0
–2 V (Digital)
50 W
50 W
AGND
.01 µF
VEE
–5.2 V
L
Clock
Buffer
+
–
U1
–5.2 V
VEE
AGND
.01 µF
.01 µF
DGND
.01 µF
255
256
VRBF
CLK
CLK
Convert
100116
VIN
VIN
256 To
8-Bit
Encoder
.01 µF
–2 V
(Analog)
2.2 µF
Voltage
Limiter
*See below
Analog Input
Can Be Either
Force Or Sense
+
–
U2
.01 µF
VEE
2.2
–2 V
VRef
10
VEE
Q1 (1N2907A)
D1=D2=HP, 1N 5712
–5.2
D1
D2
RS
49.9
Typical Voltage Limiter
RT
128
GENERAL DESCRIPTION
The SPT7710 is a fast monolithic 8-bit parallel flash A/D
converter. The nominal conversion rate is 150 MSPS and
the analog bandwidth is in excess of 200 MHz. A major
advance over previous flash converters is the inclusion of
256 input preamplifiers between the reference ladder and
input comparators. (See block diagram.) This not only re-
duces clock transient kickback to the input and reference
ladder due to a low AC beta but also reduces the effect of
the dynamic state of the input signal on the latching char-
acteristics of the input comparators. The preamplifiers act
as buffers and stabilize the input capacitance so that it re-
mains constant for varying input voltages and frequencies
and, therefore, makes the part easier to drive than previ-
ous flash converters. The SPT7710 incorporates a propri-
etary decoding scheme that reduces metastable errors
(sparkle codes or
flyers) to a maximum of 1 LSB.
The SPT7710 has true differential analog and digital data
paths from the preamplifiers to the output buffers (Current
Mode Logic) for reducing potential missing codes while
rejecting common mode noise.
Signature errors are also reduced by careful layout of the
analog circuitry. Every comparator also has a clock buffer
to reduce differential delays and to improve signal-to-
noise ratio. The output drive capability of the device can
provide full ECL swings into 50
Ω loads.
TYPICAL INTERFACE CIRCUIT
The typical interface circuit is shown in figure 1. The
SPT7710 is relatively easy to apply depending on the
accuracy needed in the intended application. Wire-wrap
may be employed with careful point-to-point ground con-
nections if desired, but to achieve the best operation, a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com