Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7710AIJ Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7710AIJ
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7710AIJ Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT7710AIJ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7710AIJ Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
8/17/01
SPT7710
the same source. The SPT7710 is superior to similar de-
vices, due to a preamplifier stage before the comparators.
This makes the device easier to drive because it has con-
stant capacitance and induces less slew rate distortion.
An optional input buffer may be used.
CLK, CLK (CLOCK INPUTS)
The clock inputs are designed to be driven differentially
with ECL levels. The clock may be driven single-ended
since CLK is internally biased to –1.3 V. (See clock input
circuit.) CLK may be left open, but a .01 µF bypass capaci-
tor from CLK to AGND is recommended. NOTE: System
performance may be degraded due to increased clock
noise or jitter.
MINV, LINV (OUTPUT LOGIC CONTROL)
These are ECL-compatible digital controls for changing
the output code from straight binary to two’s complement,
etc. For more information, see table I. Both MINV and
LINV are in the logic low (0) state when they are left open.
The high state can be obtained by tying to AGND through
a diode or 3.9 k
Ω resistor.
D0 TO D7 (DIGITAL OUTPUTS)
The digital outputs can drive ECL levels into 50
Ω when
pulled down to –2 V. When pulled down to –5.2 V, the out-
puts can drive 150
Ω to 1 kΩ loads.
VRBF, VR2, VRTF (REFERENCE INPUTS)
There are two reference inputs and one external reference
voltage tap. These are –2 V (VRBF), mid-tap (VR2), and
AGND (VRTF). The reference pins can be driven as shown
in figure 1. VR2 should be bypassed to AGND for further
noise suppression.
VRBF, VRBS, VR1, VR2, VR3, VRTF, VRTS REFERENCE
INPUTS
(PGA AND CERQUAD PACKAGES ONLY)
These are five external reference voltage taps from –2 V
(VRBF) to AGND (VRTF) that can be used to control integral
linearity over temperature. The taps can be driven by op
amps as shown in figure 2. These voltage level inputs can
be bypassed to AGND for further noise suppression if so
desired. VRB and VRT have force and sense pins for moni-
toring the top and bottom voltage references.
N/C
All
Not Connected pins should be tied to DGND on the left
side of the package and to AGND on the right side of the
package.
DREAD – DATA READY; DRINV – DATA READY
INVERSE
(PGA AND CERQUAD PACKAGES ONLY)
The data ready pin is a flag that goes high or low at the
output when data is valid or ready to be received. It is es-
sentially a delay line that accounts for the time neces-
sary for information to be clocked through the SPT7710’s
decoders and latches. This function is useful for interfac-
ing with high-speed memory. Using the data ready output
to latch the output data ensures minimum set-up and hold
times. DRINV is a data ready inverse control pin. (See the
timing diagram.)
D8 – OVERRANGE
(PGA AND CERQUAD PACKAGES
ONLY)
This is an overrange function. When the SPT7710 is in an
overrange condition, D8 goes high and all data outputs go
high as well. This makes it possible to include the
SPT7710 into higher resolution systems.
BINARY
TWOs COMPLEMENT
TRUE
INVERTED
TRUE
INVERTED
MINV=LINV=0
MINV=LINV=1
MINV=1; LINV=0 MINV=0; LINV=1
ANALOG INPUT VOLTAGE
D8
D7_____D0
D7_____D0
D7_____D0
D7_____D0
–2 V + 1/2 LSB
0
00000000
11111111
10000000
01111111
00000001
11111110
10000001
01111110
–1.0 V
0
01111111
10000000
11111111
00000000
10000000
01111111
00000000
11111111
0 V – 1/2 LSB
0
11111111
00000000
01111111
10000000
11111110
00000001
01111110
10000001
≥0 V
1
11111111
00000000
01111111
10000000
Table I – Output Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com