Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7730 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7730
Description  8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7730 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT7730 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
12/19/97
SPT7730
Figure 9 - Analog Input Track-and-Hold Timing and Reference Settling-and-Hold Timing
PACKAGE OUTLINE
8-Lead SOIC
A
B
C
D
E
F
G
H
I
J
K
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.187
0.194
4.80
4.98
B
0.228
0.242
5.84
6.20
C
0.050 typ
1.27 typ
D
0.014
0.019
0.35
0.49
E
0.005
0.010
0.13
0.25
F
0.060
0.067
1.55
1.73
G
0.055
0.060
1.40
1.55
H
0.149
0.156
3.81
3.99
I0
°
8
°
0
°
8
°
J
0.007
0.010
0.19
0.25
K
0.016
0.035
0.41
0.89
Ref Hold
Ref Settling Window
**
Synchronous Mode
*
Single Shot Mode
(SC high, no B cycle)
Free Run Mode (SC always Ø)
1
A
2
A
3
A
4
A
11
A
12
A
1
B
2
B
3
B
4
B
Sample
Input
Sample
Input
SC
Clock
VREF+
AIN
* The rising edge of the SC line can occur any time between the
rising edge of clock 1A and the falling edge of clock 12A.
The reference settling window can be extended in the
synchronous mode by adding extra clocks between conversion
cycles. The example shown is the minimum number of clocks
required (12) per conversion cycle.
**



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com