Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7730 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7730
Description  8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7730 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7730 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7730 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT7730
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
FEATURES
• 8-Bit, 1 kHz to 3.0 MSPS Analog-to-Digital Converter
• Monolithic CMOS
• Serial Output
• Internal Sample-and-Hold
• Analog Input Range: 0 to 2 V Nominal; 3.3 V Max
• Power Dissipation (Excluding Reference Ladder)
45 mW at +5 V
16 mW at +3 V
• Single Power Supply: +3 V to +5 V Range
• High ESD Protection: 3,000 V Minimum
APPLICATIONS
• Handheld and Desktop Scanners
• DSP Interface Applications
• Portable Digital Radios
• Portable and Handheld Applications
• Automotive Applications
• Remote Sensing
8-Bit
A/D
Analog Input
VREF+
Serial
Output
Logic
Ground
VDD
SAR
Clock
Data Out
Start Convert
Track-and-Hold
VREF-
Timing And Control
GENERAL DESCRIPTION
verter delivers excellent high speed conversion performance
with low cost and low power. The serial port protocol is
compatible with the serial peripheral interface (SPI) or
MICROWIRE™ industry standard, high-speed synchronous
MPU interfaces. The large input bandwidth and fast transient
response time allow for CCD applications operating up to
3.0 MSPS.
The device can operate with a power supply range from +3 V
to +5 V with very low power dissipation. The small package
size makes this part excellent for handheld applications
where board space is a premium. The SPT7730 is available
in an 8-lead SOIC package over the commercial tempera-
ture range. Contact the factory for availability of die and
industrial temperature range versions.
BLOCK DIAGRAM
The CADEKA 8-bit, 3.0 MSPS, serial analog-to-digital con-


Similar Part No. - SPT7730

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7730 FAIRCHILD-SPT7730 Datasheet
62Kb / 8P
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730SCS FAIRCHILD-SPT7730SCS Datasheet
62Kb / 8P
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7730

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
logo
Fairchild Semiconductor
SPT7730 FAIRCHILD-SPT7730 Datasheet
62Kb / 8P
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7830 FAIRCHILD-SPT7830 Datasheet
61Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com