Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C328 Datasheet (PDF) - fujitsu semiconductor

MB40C328 Datasheet PDF - fujitsu semiconductor
Part # MB40C328
Download  MB40C328 Download
File Size   163.38 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit 100 MSPS A/D Converter

MB40C328 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C328 Datasheet PDF - fujitsu semiconductor

Part # MB40C328
Download  MB40C328 Click to download

File Size   163.38 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit 100 MSPS A/D Converter

MB40C328 Datasheet (HTML) - fujitsu semiconductor


MB40C328 Product details

■ DESCRIPTION
MB40C328 is a high-speed A/D converter using a fast CMOS technology.

■ FEATURES
• Resolution : 8 bit
• Linearity error : ±0.40% (standard)
• Maximum conversion rate : 100 MSPS (minimum)
• Power supply voltage : 3.3 V single (standard)
• Digital input/output voltage range: CMOS level compatible
• Analog input voltage range : 0 to 3.0 V (2 Vp-p)
• Analog input capacitance : 22 pF (standard)
• Power dissipation : 210 mW (standard)
• Additional features : Reference voltage generator circuit: VREFT = 3.0 V, VREFB = 1.0 V
                                   High impedance output, power down function
                                   1:2 demultiplex output enable (RESET action enable)
                                   1/2 deviding clock output
                                   Cross sampling at 50 MHz (two-phase CLK) enable (CLKA, CLKB)
• Package : LQFP48 (7 mm × 7 mm, lead pitch 0.5 mm)




Similar Part No. - MB40C328

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
8-bit 100 MSPS A/D Converter
MB40C328VPFV FUJITSU-MB40C328VPFV Datasheet
167Kb / 16P
8-bit 100 MSPS A/D Converter
More results


Similar Description - MB40C328

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9708 AD-AD9708 Datasheet
246Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV.B
logo
fujitsu semiconductor
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
8-bit 100 MSPS A/D Converter
MB40C348 FUJITSU-MB40C348 Datasheet
252Kb / 19P
3 ch 8-bit 100 MSPS A/D Converter
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9708ARZ AD-AD9708ARZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9283S AD-AD9283S Datasheet
126Kb / 8P
8-Bit, 100 MSPS 3V A/D Converter
09/27/2017
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com