Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C328 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C328
Description  8-bit 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C328 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C328 Datasheet HTML 1Page - fujitsu semiconductor MB40C328 Datasheet HTML 2Page - fujitsu semiconductor MB40C328 Datasheet HTML 3Page - fujitsu semiconductor MB40C328 Datasheet HTML 4Page - fujitsu semiconductor MB40C328 Datasheet HTML 5Page - fujitsu semiconductor MB40C328 Datasheet HTML 6Page - fujitsu semiconductor MB40C328 Datasheet HTML 7Page - fujitsu semiconductor MB40C328 Datasheet HTML 8Page - fujitsu semiconductor MB40C328 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
MB40C328
s PIN DESCRIPTION
The values in parentheses are standard.
s PRECAUTIONS ON USE
• Be sure to ground the pins of AVDD, DVDD, VRT, VRB, VR1, VR2, and VR3 via high-frequency capacitor.
Place the high-frequency capacitor as close as possible to the pin.
• To avoid generation of undesired current owing to indetermination of internal logic, set CE to “H” at powering
on and input more than five clock pulses just after operation (CE: “H”
→ “L”).
Pin No.
Symbol
Description
3, 9, 13, 45
AVDD
Analog power supply (+3.3 V)
16, 27, 43
DVDD
Digital power supply (+3.3 V)
4, 7, 12, 44
AVSS
Analog power supply ground pin (0 V)
18, 32, 41
DVSS
Digital power supply ground pin (0 V)
33 to 40
DA7 to DA0
Digital output pin (Port A) DA7: MSB, DA0: LSB
19 to 26
DB7 to DB0
Digital output pin (Port B) DB7: MSB, DB0: LSB
11
CE
Power down at CE input “H” (internal pull-up resistor)
14
OE
Digital output (Both Port A, B) and clock output (CLKOA, CLKOB) are high
impedance at OE input “H”.
10
CKSEL
Mode of operation setting input pin (Refer to s MODE SETTING)
15
DSEL
28
RESET
Dividing circuit reset input pin (See s TIMING CHART 2, 3)
29
CLK
Clock input pin (max 100 MHz)
31
CLKA
A ch clock input pin (max 50 MHz)
30
CLKB
B ch clock input pin (max 50 MHz)
42
CLKOA
Clock output pin (See s TIMING CHART 1 to 4)
17
CLKOB
Clock output pin (See s TIMING CHART 1 to 4)
8VINA
Analog input pin
Input range is VRT to VRB (0 V to 3.0 V: 2 Vp-p)
2
1
48
VR1
VR2
VR3
Reference 1/4 voltage output pin (Add 0.1
µF for AVSS)
Reference 1/2 voltage output pin (Add 0.1
µF for AVSS)
Reference 3/4 voltage output pin (Add 0.1
µF for AVSS)
46
VRT
Reference voltage input pin on top side
47
VREFT
Reference voltage output pin
By connecting to VRT, 0.9
× AVDD ( 3 V) is generated.
6VRB
Reference voltage input pin on bottom side
5VREFB
Reference voltage output pin
By connecting to VRB, 0.3
× AVDD ( 1 V) is generated.
.
.
=
.
.
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com