Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C328 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB40C328
Description  8-bit 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C328 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB40C328 Datasheet HTML 8Page - fujitsu semiconductor MB40C328 Datasheet HTML 9Page - fujitsu semiconductor MB40C328 Datasheet HTML 10Page - fujitsu semiconductor MB40C328 Datasheet HTML 11Page - fujitsu semiconductor MB40C328 Datasheet HTML 12Page - fujitsu semiconductor MB40C328 Datasheet HTML 13Page - fujitsu semiconductor MB40C328 Datasheet HTML 14Page - fujitsu semiconductor MB40C328 Datasheet HTML 15Page - fujitsu semiconductor MB40C328 Datasheet HTML 16Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
MB40C328
s TYPICAL CONNECTION EXAMPLE
+
VR2
VR1
AVDD
AVSS
VREFB
VRB
AVSS
VINA
AVDD
CKSEL
CE
AVSS
1
2
3
4
5
6
7
8
9
10
11
12
DA4
DA5
DA6
(MSB)DA7
DVSS
CLKA
CLKB
CLK
RESET
DVDD
(LSB)DB0
DB1
DA4
DA5
DA6
DA7(MSB)
CLKA
CLKB
CLK
RESET
DB0(LSB)
DB1
36
35
34
33
32
31
30
29
28
27
26
25
(TOP VIEW)
+3.3 V
+3.3 V
VRB
VINA
CKSEL
CE
+
0.1
µF
To avoid voltage fluctuation at operation of reference voltage generator circuit (VREFT, VREFB)
VREFT: 150
µF, VREFB: 330 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com