Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C348 Datasheet (PDF) - fujitsu semiconductor

MB40C348 Datasheet PDF - fujitsu semiconductor
Part # MB40C348
Download  MB40C348 Download
File Size   252.64 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3 ch 8-bit 100 MSPS A/D Converter

MB40C348 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C348 Datasheet PDF - fujitsu semiconductor

Part # MB40C348
Download  MB40C348 Click to download

File Size   252.64 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3 ch 8-bit 100 MSPS A/D Converter

MB40C348 Datasheet (HTML) - fujitsu semiconductor


MB40C348 Product details

■ DESCRIPTION
MB40C348 is a high-speed 3ch A/D converter using a fast CMOS technology.

■ FEATURES
• Resolution : 8 bit
• No. of AD channels : 3 ch
• Linearity error : ±0.40% (typical)
• Maximum conversion rate : 100 MSPS (minimum)
• Power supply voltage : 3.3 V (typical: internal circuit)
• Digital input voltage range : TTL level
• Digital output voltage range : 3.3 V CMOS level
• Amp. input voltage range : 0.7 VP-P (typical)
• Amp. gain : 1.9 double fixed
• Power dissipation : 880 mW (typical)
• Additional features : PLL circuit
    Video Amp. circuit (1.9 double fixed gain)
    CLAMP circuit
    VRT Amp. circuit (RGB 3 ch common)
    VRB Amp. circuit (RGB 3 ch common)
    Overflow output
    High impedance output, power down function
• Package : LQFP120 (16 mm ×16mm, lead pitch : 0.5 mm)




Similar Part No. - MB40C348

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
MB40C348VPFV FUJITSU-MB40C348VPFV Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
More results


Similar Description - MB40C348

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9708 AD-AD9708 Datasheet
246Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV.B
logo
fujitsu semiconductor
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
8-bit 100 MSPS A/D Converter
MB40C338 FUJITSU-MB40C338 Datasheet
247Kb / 18P
3 ch 8-bit 162 MSPS A/D Converter
MB40C338V FUJITSU-MB40C338V Datasheet
257Kb / 19P
3 ch 8-bit 162 MSPS A/D Converter
logo
Analog Devices
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283S AD-AD9283S Datasheet
126Kb / 8P
8-Bit, 100 MSPS 3V A/D Converter
09/27/2017
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com