Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C338V Datasheet (PDF) - fujitsu semiconductor

MB40C338V Datasheet PDF - fujitsu semiconductor
Part # MB40C338V
Download  MB40C338V Download
File Size   257.0 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3 ch 8-bit 162 MSPS A/D Converter

MB40C338V Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C338V Datasheet PDF - fujitsu semiconductor

Part # MB40C338V
Download  MB40C338V Click to download

File Size   257.0 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3 ch 8-bit 162 MSPS A/D Converter

MB40C338V Datasheet (HTML) - fujitsu semiconductor


MB40C338V Product details

■ DESCRIPTION
MB40C338V is a high-speed 3 ch A/D converter using a fast CMOS technology.

■ FEATURES
• Resolution : 8 bit
• No. of A/D channels : 3 ch
• Linearity error : ±0.40 %(typical)
• Maximum conversion rate : 162 MSPS (minimum)
• Power supply voltage : 3.3 V (typical : internal circuit)
• Digital input voltage range : TTL level
• Digital output voltage range : 3.3 V CMOS level
• Video amp. input voltage range : 0.7 VP-P (typical)
• Video amp. gain : 1.9 double fixed
• A/D input capacity : 15 pF (typical)
• Power dissipation : 1100 mW (typical)
• Additional features : PLL circuit
                                   Video amp. circuit (1.9 double fixed gain, OFF operation is possible)
                                   CLAMP circuit
                                   VRT AMP circuit (RGB 3 ch separate)
                                   VRB AMP circuit (RGB 3 ch common)
                                   Overflow output
                                   High impedance output, power down function
• Package : LQFP120 (16 mm × 16 mm, lead pitch : 0.5 mm)




Similar Part No. - MB40C338V

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C338 FUJITSU-MB40C338 Datasheet
247Kb / 18P
3 ch 8-bit 162 MSPS A/D Converter
MB40C338PFV FUJITSU-MB40C338PFV Datasheet
247Kb / 18P
3 ch 8-bit 162 MSPS A/D Converter
More results


Similar Description - MB40C338V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
logo
fujitsu semiconductor
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C338 FUJITSU-MB40C338 Datasheet
247Kb / 18P
3 ch 8-bit 162 MSPS A/D Converter
MB40C348 FUJITSU-MB40C348 Datasheet
252Kb / 19P
3 ch 8-bit 100 MSPS A/D Converter
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
TV/VCR D/A Converter (3 ch, 8 bit)
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com