Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7830 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7830 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7830
Download  SPT7830 Download
File Size   166.83 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER

SPT7830 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7830 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7830
Download  SPT7830 Click to download

File Size   166.83 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER

SPT7830 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7830 Product details

GENERAL DESCRIPTION
The SPT7830 10-bit, 2.5 MSPS, serial analog-to-digital converter delivers excellent high speed conversion performance with low cost and low power. The serial port protocol is compatible with the serial peripheral interface (SPI) or MICROWIRE™industry standard, high-speed synchronous MPU interfaces. The large input bandwidth and fast transient response time allow for CCD applications operating up to 2.5 MSPS.

FEATURES
• 10-Bit, 1 kHz to 2.5 MSPS Analog-to-Digital Converter
• Monolithic CMOS
• Serial Output
• Internal Sample-and-Hold
• Analog Input Range: 0 to 2 V Nominal; 3.3 V Max
• Power Dissipation (Excluding Reference Ladder)
    45 mW at +5 V
    16 mW at +3.0 V
• Single Power Supply: +3 V to +5 V Range
• High ESD Protection: 3,000 V Minimum

APPLICATIONS
• Handheld and Desktop Scanners
• DSP Interface Applications
• Portable Digital Radios
• Portable and Handheld Applications
• Automotive Applications
• Remote Sensing




Similar Part No. - SPT7830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7830 FAIRCHILD-SPT7830 Datasheet
61Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7830SCS FAIRCHILD-SPT7830SCS Datasheet
61Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7830SCU FAIRCHILD-SPT7830SCU Datasheet
61Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7830SIS FAIRCHILD-SPT7830SIS Datasheet
61Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
More results


Similar Description - SPT7830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7730 FAIRCHILD-SPT7730 Datasheet
62Kb / 8P
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7830 FAIRCHILD-SPT7830 Datasheet
61Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com