Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7830 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7830
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7830 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7830 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
12/29/99
SPT7830
Figure 1 - Analog Input Full-Scale Range
VREF+
6% of [(VREF+) - (VREF-)]
VREF-
+FS
-FS
4% of [(VREF+) - (VREF-)]
The drive requirements for the analog input are minimal
when compared to most other converters due to the
SPT7830’s extremely low input capacitance of only 5 pF and
very high input resistance of greater than 5 M
Ω.
If the input buffer amplifier supply voltages are greater than
VDD + 0.7 V or less than Ground - 0.7 V, the analog input
should be protected through a series resistor and a diode
clamping circuit as shown in figure 2.
Figure 2 - Recommended Input Protection Circuit
47
Ω
D1
D2
ADC
Buffer
AVDD
+V
-V
D1 = D2 = Hewlett Packard HP5712 or equivalent
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 3. This circuit provides ESD robustness to
>3.0 kV and prevents latch-up under severe discharge
conditions without degrading analog transition times.
Figure 3 - On-Chip Protection Circuit
VDD
Analog
Pad
120
Ω
120
Ω
MODES OF OPERATION
The SPT7830 has three modes of operation.The mode of
operation is based strictly on how the SC is used.
SINGLE SHOT MODE
When SC goes low, conversion starts on the next rising edge
of the clock (defined as the first conversion clock). The MSB
of data is valid 8 ns after the falling edge of the fourth
conversion clock. (See figure 8, Data Output Timing.)
The conversion is complete after 14 clock cycles. At the
falling edge of the fourteenth clock cycle, if SC is high (not
selected), the data output goes to a high impedance state,
and no more conversions will take place until the next SC low
event. (See the single shot mode timing diagram in figure 4.)
SYNCHRONIZED MODE
When SC goes low, conversion will start on the next rising
edge of the clock (defined as the first conversion clock). The
MSB is valid 8 ns after the falling edge of the fourth conver-
sion clock.
The first conversion is complete after 14 clock cycles. At any
time after the falling edge of the fourteenth clock cycle, SC
may go low again to initiate the next conversion. When the
SC goes low, the conversion starts on the rising edge of the
next clock. (See the synchronized mode timing diagram in
figure 5.)
The data output will go to a high impedance state until the
next conversion is initiated.
FREE RUN MODE
When SC goes low, conversion starts on the next rising edge
of the clock (defined as the first conversion clock). The MSB
data is valid 8 ns after the falling edge of the fourth conver-
sion clock.
As long as SC is held low, the device operates in the free run
mode. New conversions start after every fourteenth cycle
with valid data available 8 ns after the falling edge of the
fourth clock within each new conversion cycle.
The data output remains low between conversion cycles.
(See the free run mode timing diagram in figure 6.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com