Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7830 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7830
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7830 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7830 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
12/29/99
SPT7830
ELECTRICAL SPECIFICATIONS
TA = +25 °C, VDD = +5.0 V, VIN = 0 to +3 V, fCLK = 35 MHz, fS = 2.5 MSPS, VREF+ = +3.0 V, VREF– = 0.0 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Effective Number of Bits
fIN = 500 kHz
IV
8.9
Bits
fIN = 1 MHz
IV
8.5
Bits
Signal-to-Noise Ratio
fIN = 500 kHz
IV
56
dB
fIN = 1 MHz
IV
55
dB
Harmonic Distortion
fIN = 500 kHz
IV
63
dB
fIN = 1 MHz
IV
58
dB
Power Supply Requirements
+VDD Supply Voltage
IV
3
5.5
V
+VDD Supply Current
VDD = +3.0 V
IV
5.4
7
mA
VDD = +5.0 V
VI
9
10
mA
Power Dissipation3
VDD = +3.0 V
IV
16
22
mW
VDD = +5.0 V
VI
45
50
mW
3 Excluding reference ladder.
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=+25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com