Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7830 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7830
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7830 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7830 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
12/29/99
SPT7830
should be taken to ensure that the LSB is latched into an
external latch with the proper amount of set and hold time.
DATA OUTPUT CODING
The coding of the output is straight binary. (See table I.)
Table I - Data Output Coding
ANALOG INPUT
OUTPUT CODE D9 - DO
+FS -1/2 LSB
1 1
1111
111Ø
+1/2 FS
ØX
XXXX
XXXX
+1/2 LSB
OO
OOOO
OOOØ
VREF-
OO
OOOO
OOOO
Ø indicates the flickering bit between logic O and 1.
X indicates the flickering bit between logic 1 and O.
ANALOG INPUT AND REFERENCE SETTLING TRACK
AND HOLD TIMING
Figure 9 shows the timing relationship between the input
clock and SC versus the analog input tracking and reference
settling. The analog input is tracked from the fourteenth clock
cycle of the previous conversion to the third clock cycle of the
current conversion. On the falling edge of the third clock
cycle, the analog input is held by the internal sample-and-
hold. After this sample, the analog input may vary without
affecting data conversion.
The reference ladder inputs (VREF+ and VREF-) may be
changed starting on the falling edge of the thirteenth clock
cycle of the previous conversion and must be settled by the
falling edge of the third clock cycle of the current conversion.
VOLTAGE REFERENCE AND ANALOG INPUT
The SPT7830 requires the use of a single external voltage
reference for driving the high side of the reference ladder.
The VREF+ can be a maximum of 2/3 VDD. For example, if
VDD = +5 V, then VREF+ max = (2/3) * 5 V = +3.3 V. The lower
side of the ladder is typically tied to AGND (0.0 V), but can be
run up to a voltage that is 1/10th of VDD below VREF+:
VREF- max. = VREF+ - (1/10) * VDD.
For example,
if VDD = +5 V and VREF+ = 3 V, then
VREF- max = 3 V - (1/10)* 5 V = 2.5 V.
The +Full Scale (+FS) of the analog input is expected to be 6%
of [(VREF+) - (VREF-)] below VREF+ and the -Full Scale (-FS)
of the analog input is expected to be 4% of [(VREF+) - (VREF-)]
above VREF-. (See figure 1.)
Therefore,
Analog +FS = VREF+ - 0.06 * [(VREF+) - (VREF-)], and
Analog -FS = VREF- +0.04 * [(VREF+) - (VREF-)].
For example,
if VREF+ = 3 V and VREF- = 0 V, then
Analog +FS = 3 V - 0.06 * [3 V- 0 V ] = 2.82 V, and
Analog -FS = 0 V + 0.04 * [3 V - 0 V] = 0.12 V.
GENERAL DESCRIPTION AND OPERATION
The SPT7830 is a 10-bit analog-to-digital converter that
uses a successive approximation architecture to perform
data conversion. Each conversion cycle is 14 clocks in
length. When the Not Start Convert (SC) line is held low,
conversion begins on the next rising edge of the input clock.
When the conversion cycle begins, the data output pin is
forced low until valid data output begins.
The first two clock cycles are used to perform internal offset
calibrations and tracking of the analog input. The analog input
is then sampled using an internal track-and-hold amplifier on
the falling edge of the third clock cycle. On clock cycles 4
through 14, a 10-bit successive approximation conversion is
performed, and the data is output starting with the MSB.
Serial data output begins with output of the MSB. See the
Data Output Timing section for details. Each bit of the data
conversion is sequentially determined and placed on the
data output pin at the clock rate. This process continues until
the LSB has been determined and output. At this point, if the
SC line is high, the data output pin will be forced into a high
impedance state, and the converter will go into an idle state
waiting for the SC line to go low. This is referred to as Single
Shot Mode. See Modes of Operation for details.
If the SC is either held low through the entire 14 clock
conversion cycle (free run mode) or is brought low prior to
the trailing edge of the fourteenth clock cycle (synchronous
mode), the data output pin goes low and stays low until valid
data output begins. Because the chip has either remained
selected in the free run mode or has been immediately
selected again in the synchronous mode, the next conversion
cycle begins immediately after the fourteenth clock cycle of
the previous conversion. See Modes of Operation for details.
TYPICAL INTERFACE CIRCUIT
CLOCK INPUT
The SPT7830 requires a 50%
±10% duty cycle clock running
at 14 times the desired sample rate. The clock may be
stopped in between conversion cycles without degradation
of operation (single shot type of operation); however, the
clock should remain running during a conversion cycle.
POWER SUPPLY
The SPT7830 requires only a single supply and operates
capacitor be placed as close as possible to the supply pin.
DATA OUTPUT SET UP AND HOLD TIMING
As figure 8 shows, all of the data output bits (except the LSB)
remain valid for a duration equivalent to one clock period and
delayed by 8 ns after the falling edge of clock. Because the
data converter enters into a next conversion ready state at
the leading edge of clock 14, the LSB bit is valid for a
duration equivalent to only the clock pulse width low
and delayed by 8 ns after the falling edge of clock. Care
from 3.0 V to 5.0 V. CADEKA recommends that a 0.01
µF chip



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com