Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7810 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7810 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7810
Download  SPT7810 Download
File Size   437.07 Kbytes
Page   9 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER

SPT7810 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7810 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7810
Download  SPT7810 Click to download

File Size   437.07 Kbytes
Page   9 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER

SPT7810 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7810 Product details

GENERAL DESCRIPTION
The SPT7810 A/D converter is a 10-bit monolithic converter capable of word rates of a minimum of 20 MSPS. On board track/hold function assures excellent dynamic performance without the need for external components. Drive requirement problems are minimized with an input capacitance of only 5 pF.

FEATURES
• Monolithic 20 MSPS Converter
• On-Chip Track/Hold
• Bipolar ±2.0 V Analog Input
• 60 dB SNR @ 1 MHz Input
• Low Power (1.3 W Typical)
• 5 pF input Capacitance
• ECL Outputs

APPLICATIONS
• Medical Imaging
• Professional Video
• Radar Receivers
• Instrumentation
• Electronic Warfare
• Digital Communications




Similar Part No. - SPT7810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810ACN ETC1-SPT7810ACN Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810AIJ ETC1-SPT7810AIJ Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810BCN ETC1-SPT7810BCN Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810BCU ETC1-SPT7810BCU Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
More results


Similar Description - SPT7810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
10-Bit, 20 MSPS Monolithic A/D Converter
REV.0
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
10-BIT, 100 MSPS ECL A/D CONVERTER
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
10-Bit, 20 MSPS A/D Converter
August 2000
logo
List of Unclassifed Man...
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
12-BIT, 10 MSPS, ECL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com