Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7810 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7810
Description  10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7810 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7810 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPT7810
ELECTRICAL SPECIFICATIONS
TA=Tmin - Tmax, VCC=+5.0 V, VEE=-5.2 V, VIN=±2.0 V, VSB=-2.0 V, VST=+2.0 V, fclock=20 MHz, 50% clock duty cycle, unless otherwise specified.
TEST
TEST
SPT7810A
SPT7810B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
10
10
Bits
DC Accuracy (+25
°C)
± Full Scale
Integral Nonlinearity
250 kHz Sample Rate
V
±1.0
±1.5
LSB
Differential Nonlinearity
V
±0.5
±0.75
LSB
No Missing Codes
VI
Guaranteed
Guaranteed
Analog Input
Input Voltage Range
VI
±2.0
±2.0
V
Input Bias Current
VIN=0 V
VI
30
60
30
60
µA
Input Resistance
VI
100
300
100
300
k
Ω
Input Capacitance
V
5
5
pF
Input Bandwidth
3 dB Small Signal
V
120
120
MHz
+FS Error
V
±2.0
±2.0
LSB
-FS Error
V
±2.0
±2.0
LSB
Reference Input
Reference Ladder Resistance
VI
500
800
500
800
Ω
Reference Ladder Tempco
V
0.8
0.8
Ω/°C
Timing Characteristics
Maximum Conversion Rate
VI
20
20
MHz
Overvoltage Recovery Time
V
20
20
ns
Pipeline Delay (Latency)
IV
1
1
Clock Cycle
Output Delay
TA=+25 °CV
5
5
ns
Aperture Delay Time
TA=+25 °CV
1
1
ns
Aperture Jitter Time
TA=+25 °C
V
5
5
ps-RMS
Dynamic Performance
Effective Number of Bits
fIN=1 MHz
9.2
8.7
Bits
fIN=3.58 MHz
8.8
8.3
Bits
fIN=10.3 MHz
7.5
7.0
Bits
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
Supply Voltages
VCC ............................................................... -0.3 to +6 V
VEE ............................................................... +0.3 to -6 V
Input Voltages
Analog Input ............................................... VFB≤VIN≤VFT
VFT, VFB. ................................................... +3.0 V, -3.0 V
Reference Ladder Current ..................................... 12 mA
Output
Digital Outputs .......................................... +30 to -30 mA
Temperature
Operating Temperature .............................. -25 to +85
°C
Junction Temperature (1) .............................................. 175
°C
Lead Temperature, (soldering 10 seconds) .......... 300
°C
Storage Temperature ................................ -65 to +150
°C
Typical thermal impedances: 28L sidebrazed DIP.
θ
ja = 50 °C/W,
28L plastic DIP
θ
ja = 50 °C/W.
2
3/11/97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com