Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7810 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7810
Description  10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7810 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7810 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPT7810
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
FEATURES
• Monolithic 20 MSPS Converter
• On-Chip Track/Hold
• Bipolar
±2.0 V Analog Input
• 60 dB SNR @ 1 MHz Input
• Low Power (1.3 W Typical)
• 5 pF input Capacitance
• ECL Outputs
APPLICATIONS
• Medical Imaging
• Professional Video
• Radar Receivers
• Instrumentation
• Electronic Warfare
• Digital Communications
Analog
Prescaler
10
Digital
Output
Successive Interpolation
Stage i
Successive Interpolation
Stage i+1
Successive Interpolation
Stage N
Analog
Input
4
Coarse
A/D
T/H Amplifier
Bank
GENERAL DESCRIPTION
The SPT7810 A/D converter is a 10-bit monolithic converter
capable of word rates of a minimum of 20 MSPS. On board
track/hold function assures excellent dynamic performance
without the need for external components. Drive require-
ment problems are minimized with an input capacitance of
only 5 pF.
Inputs and outputs are ECL to provide a higher level of noise
immunity in high speed system applications. An overrange
output signal is provided to indicate overflow conditions.
Output data format is straight binary. Power dissipation is
very low at only 1.3 watts with power supply voltages of +5.0
and -5.2 volts. The SPT7810 also provides a wide input
voltage swing of
±2.0 volts.
The SPT7810 is available in a 28-lead ceramic sidebrazed
DIP, PDIP, and die form. Commercial and industrial tempera-
ture ranges are currently offered. Contact the factory for
availability of military temperature range and /883 processed
units.
BLOCK DIAGRAM


Similar Part No. - SPT7810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810ACN ETC1-SPT7810ACN Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810AIJ ETC1-SPT7810AIJ Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810BCN ETC1-SPT7810BCN Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7810BCU ETC1-SPT7810BCU Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
10-Bit, 20 MSPS Monolithic A/D Converter
REV.0
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
10-BIT, 100 MSPS ECL A/D CONVERTER
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
10-Bit, 20 MSPS A/D Converter
August 2000
logo
List of Unclassifed Man...
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
12-BIT, 10 MSPS, ECL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com