Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734SCT Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7734SCT
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7734SCT Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT7734SCT Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
1/27/98
SPT7734
Figure 2 - Ladder Force/Sense Circuit
AGND
VRHF
VRHS
VRLS
VRLF
VIN
1
2
3
5
6
7
+
-
All capacitors are 0.01 µF
4
N/C
Figure 3 - Simplified Reference Ladder Drive Circuit
Without Force/Sense Circuit
R/2
R
R
R
R
R
R
R/2
R=30
Ω (typ)
All capacitors are 0.01 µF
VRLF (AGND)
0.0 V
VRLS
(0.075 V)
VRHS
(+3.91 V)
90 mV
75 mV
+4.0 V
External
Reference
In cases where wider variations in offset and gain can be
tolerated, VRef can be tied directly to VRHF and AGND can be
tied directly to VRLF as shown in figure 3. Decouple force and
sense lines to AGND with a .01
µF capacitor (chip cap
preferred) to minimize high-frequency noise injection. If this
simplified configuration is used, the following considerations
should be taken into account:
The reference ladder circuit shown in figure 3 is a simplified
representation of the actual reference ladder with force and
sense taps shown. Due to the actual internal structure of the
ladder, the voltage drop from VRHF to VRHS is not equivalent
to the voltage drop from VRLF to VRLS.
Typically, the top side voltage drop for VRHF to VRHS will
equal:
VRHF - VRHS = 2.25 % of (VRHF - VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will equal:
VRLS - VRLF = 1.9 % of (VRHF - VRLF) (typical).
Figure 3 shows an example of expected voltage drops for a
specific case. Vref of 4.0 V is applied to VRHF and VRLF is tied
to AGND. A 90 mV drop is seen at VRHS (= 3.91 V) and a
75 mV increase is seen at VRLS (= 0.075 V).
ANALOG INPUT
VIN is the analog input. The input voltage range is from VRLS
to VRHS (typically 4.0 V) and will scale proportionally with
respect to the voltage reference. (See voltage reference
section.)
The drive requirements for the analog inputs are very minimal
when compared to most other converters due to the SPT7734's
extremely low input capacitance of only 5 pF and very high
input resistance in excess of 50 k
Ω.
The analog input should be protected through a series
resistor and diode clamping circuit as shown in figure 4.
CALIBRATION
The SPT7734 uses an auto calibration scheme to en-
sure 8-bit accuracy over time and temperature. Gain and
offset errors are continually adjusted to 8-bit accuracy during
device operation. This process is completely transparent to
the user.
Upon power-up, the SPT7734 begins its calibration algo-
rithm. In order to achieve the calibration accuracy required,
the offset and gain adjustment step size is a fraction of a 8-
bit LSB. Since the calibration algorithm is an oversampling
process, a minimum of 10,000 clock cycles are required.
This results in a minimum calibration time upon power-up
of 250
µsec (for a 40 MHz clock). Once calibrated, the
SPT7734 remains calibrated over time and temperature.
Since the calibration cycles are initiated on the rising edge of
the clock, the clock must be continuously applied for the
SPT7734 to remain in calibration.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 5. This circuit provides ESD robustness to
3.5 kV and prevents latch-up under severe discharge condi-
tions without degrading analog transition times.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com