Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734SCT Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT7734SCT
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7734SCT Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

  SPT7734SCT Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7734SCT Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
1/27/98
SPT7734
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
AGND
Analog Ground
VRHF
Reference High Force
VRHS
Reference High Sense
VRLS
Reference Low Sense
VRLF
Reference Low Force
VCAL
Calibration Reference
VIN
Analog Input
AVDD
Analog VDD
DVDD
Digital VDD
DGND
Digital Ground
CLK
Input Clock fCLK =fs (TTL)
EN
Output Enable
D0-7
Tri-State Data Output, (DØ=LSB)
D8
Tri-State Output Overrange
DAV
Data Valid Output
OVDD
Digital Output Supply
OGND
Digital Output Ground
DNC
Do Not Connect
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT7734SCS
0 to +70
°C
28L SOIC
SPT7734SCT
0 to +70
°C
32L TQFP
ORDERING INFORMATION
AGND
VRHF
VRHS
N/C
VRLS
VRLF
VIN
AGND
VCAL
AVDD
DVDD
DGND
CLK
DAV
1
2
3
4
5
6
7
8
9
10
1
1
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OGND
D3
DNC
D1
D0
DNC
D2
OVDD
D4
D5
D6
D7
D8
EN
SOIC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
D5
D4
D3
OVDD
OGND
D2
D1
D0
VRLF
VIN
AGND
AGND
VCAL
AVD
D
AVD
D
DVDD
TQFP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com