Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7850SCN Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7850SCN
Description  10-BIT, 20 MSPS, 140 mW A/D CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7850SCN Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7850SCN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 12Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
6/15/01
SPT7850
DIGITAL OUTPUTS
The digital outputs (D0–D10) are driven by a separate
supply (OVDD) ranging from +3 V to +5 V. This feature
makes it possible to drive the SPT7850’s TTL/CMOS-
compatible outputs with the user’s logic system supply.
The format of the output data (D0–D9) is straight binary.
(See table III.) The outputs are latched on the rising edge
of CLK. These outputs can be switched into a tri-state
mode by bringing EN high.
Table III – Output Data Information
ANALOG INPUT
OVERRANGE
OUTPUT CODE
D10
D9–D0
+F.S. + 1/2 LSB
1
1 1 1 1 1 1 1 1 1 1
+F.S. –1/2 LSB
0
1 1 1 1 1 1 1 1 1Ø
+1/2 F.S.
0
ØØ ØØØØ ØØØØ
+1/2 LSB
0
0 0 0 0 0 0 0 0 0 Ø
0.0 V
0
0 0 0 0 0 0 0 0 0 0
(Ø indicates the flickering bit between logic 0 and 1.)
OVERRANGE OUTPUT
The OVERRANGE OUTPUT (D10) is an indication that
the analog input signal has exceeded the positive full-
scale input voltage by 1 LSB. When this condition occurs,
D10 will switch to logic 1. All other data outputs (D0 to D9)
will remain at logic 1 as long as D10 remains at logic 1.
This feature makes it possible to include the SPT7850 in
higher resolution systems.
EVALUATION BOARD
The EB7850 evaluation board is available to aid designers
in demonstrating the full performance of the SPT7850.
This board includes a reference circuit, clock driver circuit,
output data latches, and an on-board reconstruction of the
digital data. An application note describing the operation
of this board, as well as information on the testing of the
SPT7850, is also available. Contact the factory for price
and availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com