Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7850SCN Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # SPT7850SCN
Description  10-BIT, 20 MSPS, 140 mW A/D CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7850SCN Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button SPT7850SCN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 12Page - Cadeka Microcircuits LLC. SPT7850SCN Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
6/15/01
SPT7850
PACKAGE OUTLINES
28-Lead Skinny PDIP
C
D
E
F
G
A
B
H
I
INCHES
MILLIMETERS
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
0.280
0.288
0.295
7.112
7.315
7.493
B
1.360
1.365
1.370
34.544 34.671 34.798
C
0.130
3.302
D
0.055
0.060
0.065
1.397
1.524
1.651
E
0.100 BSC
2.540 BSC
F
0.020
0.508
G
0.120
0.130
0.135
3.048
3.302
3.429
H
0.300 BSC
7.620 BSC
I
0.430
10.922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com