Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7921 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7921
Description  12-BIT, 20 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7921 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7921 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7921 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GENERAL DESCRIPTION
FEATURES
• Monolithic
• 12-Bit 20 MSPS Converter
• 66 dB SNR @1 MHz Input
• On-Chip Track/Hold
• Bipolar
±2.0 V Analog Input
• Low Power (1.1 W Typical)
• 5 pF Input Capacitance
• TTL Outputs
APPLICATIONS
• Radar Receivers
• Professional Video
• Instrumentation
• Medical Imaging
• Electronic Warfare
• Digital Communications
• Digital Spectrum Analyzers
• Electro-Optics
SPT7921
12-BIT, 20 MSPS, TTL, A/D CONVERTER
The SPT7921 A/D converter is the industry's first 12-bit
monolithic analog-to-digital converter capable of sample
rates greater than 20 MSPS. On board input buffer and
track/hold function assures excellent dynamic perfor-
mance without the need for external components. Drive
requirement problems are minimized with an input ca-
pacitance of only 5 pF.
Logic inputs and outputs are TTL. An overrange output signal
is provided to indicate overflow conditions. Output data
12
Digital
Output
4
4-Bit Flash
Converter
Input
Buffer
Analog Gain
Compression
Processor
Track-and-Hold
Amplifiers
Asynchronous
SAR
Error
Correction,
Decoding
and
Output TTL
Drivers
8
VIN
format is straight binary. Power dissipation is very low at only
1.1 watts with power supply voltages of +5.0 and -5.2 volts.
The SPT7921 also provides a wide input voltage range of
±2.0 volts.
The SPT7921 is available in 32-lead ceramic sidebrazed DIP
and 44-lead cerquad packages over the commercial tem-
perature range. Consult the factory for availability of die,
military temperature and /883 versions.
BLOCK DIAGRAM


Similar Part No. - SPT7921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920SCJ ETC1-SPT7920SCJ Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7920SCJ CADEKA-SPT7920SCJ Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920SCQ ETC1-SPT7920SCQ Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
More results

Similar Description - SPT7921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7922 ETC-SPT7922 Datasheet
123Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
Cadeka Microcircuits LL...
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7922 CADEKA-SPT7922 Datasheet
192Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com