Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7922SCQ Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7922SCQ
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7922SCQ Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT7922SCQ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
3/10/97
SPT7922
Figure 3 - Analog Equivalent Input Circuit
VCC
VEE
VFT
VIN
CLOCK INPUT
The SPT7922 is driven from a single-ended TTL input (CLK).
The CLK pulse width (tpwH) must be kept between 15 ns and
300 ns to ensure proper operation of the internal track-and-
hold amplifier. (See timing diagram.) When operating the
SPT7922 at sampling rates above 3 MSPS, it is recom-
mended that the clock input duty cycle be kept at 50% to
optimize performance. (See figure 4.) The analog input
signal is latched on the rising edge of the CLK.
The clock input must be driven from fast TTL logic (VIH ≤4.5 V,
TRISE <6 ns). In the event the clock is driven from a high
current source, use a 100
Ω resistor in series to current limit
to approximately 45 mA.
Figure 4 - SNR vs Clock Duty Cycle
30
35
40
45
50
55
60
65
70
75
Duty
Cycle
Duty Cycle of Positive Clock Pulse (%)
51
53
55
57
59
61
63
65
67
tpwL
tpwH
=
tpwH
tpwL
DIGITAL OUTPUTS
The format of the output data (D0-D11) is straight binary.
(See table II.) The outputs are latched on the rising edge of
CLK with a propagation delay of 14 ns (typ). There is a one
clock cycle latency between CLK and the valid output data.
(See timing diagram.)
Table II - Output Data Information
ANALOG INPUT
OVERRANGE
OUTPUT CODE
D12
D11-DO
>+2.0 V + 1/2 LSB
1
1111 1111
1111
+2.0 V -1 LSB
O
1111 1111
111Ø
0.0 V
O
ØØØØ ØØØØ ØØØØ
-2.0 V +1 LSB
O
OOOO OOOO OOOØ
<-2.0 V
O
OOOO OOOO OOOO
(Ø indicates the flickering bit between logic 0 and 1).
The rise times and fall times of the digital outputs are not
symmetrical. The propagation delay of the rise time is
typically 14 ns and the fall time is typically 6 ns. (See figure
5.) The nonsymmetrical rise and fall times create approxi-
mately 8 ns of invalid data.
The analog input range will scale proportionally with respect
to the reference voltage if a different input range is required.
The maximum scaling factor for device operation is
± 20% of
the recommended reference voltages of VFT and VFB. How-
ever, because the device is laser trimmed to optimize perfor-
mance with
± 2.5 V references, the accuracy of the device
will degrade if operated beyond a
± 2% range.
An example of a recommended reference driver circuit is
shown in figure 2. IC1 is REF-03, the +2.5 V reference with
a tolerance of 0.6% or +/- 0.015 V. The potentiometer R1 is
10 k
Ω and supports a minimum adjustable range of up to
150 mV. IC2 is recommended to be an OP-07 or equivalent
device. R2 and R3 must be matched to within 0.1% with good
TC tracking to maintain a 0.3 LSB matching between VFT and
VFB. If 0.1% matching is not met, then potentiometer R4 can be
used to adjust the VFB voltage to the desired level. R1 and R4
should be adjusted such that VST and VSB are exactly +2.0 V
and -2.0 V respectively.
The following errors are defined:
+FS error = top of ladder offset voltage =
∆(+FS -VST)
-FS error = bottom of ladder offset voltage =
∆(-FS -VSB)
Where the +FS (full scale) input voltage is defined as the
output 1 LSB above the transition of 1—10 and 1—11 and
the -FS input voltage is defined as the output 1 LSB below the
transition of 0—00 and 0—01.
ANALOG INPUT
VIN is the analog input. The full scale input range will be 80%
of the reference voltage or
±2 volts with V
FB=-2.5 V and
VFT=+2.5 V.
The drive requirements for the analog inputs are minimal when
compared to conventional Flash converters due to the
SPT7922’s extremely low input capacitance of only 5 pF and
very high input impedance of 300 k
Ω. For example, for an input
signal of
± 2 V p-p with an input frequency of 10 MHz, the peak
output current required for the driving circuit is only 628
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com