Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7922SCQ Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7922SCQ
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7922SCQ Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7922SCQ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7922SCQ Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
3/10/97
SPT7922
PACKAGE OUTLINES
32-Lead Sidebrazed
A
B
C
D
E
F
G
1
32
I
H
J
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.081
0.099
2.06
2.51
B
0.016
0.020
0.41
0.51
C
0.095
0.105
2.41
2.67
D
.050 typ
1.27
E
0.040
1.02
F
0.175
0.225
4.45
5.72
G
1.580
1.620
40.13
41.15
H
0.585
0.605
14.86
15.37
I
0.009
0.012
0.23
0.30
J
0.600
0.620
15.24
15.75
44-Lead Cerquad
C
D
A
B
A
B
0 - 5°
E
F
G
H
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.550 typ
13.97 typ
B
0.685
0.709
17.40
18.00
C
0.037
0.041
0.94
1.04
D
0.016 typ
0.41 typ
E
0.008 typ
0.20 typ
F
0.027
0.051
0.69
1.30
G
0.006 typ
0.15 typ
H
0.080
0.150
2.03
3.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com