Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT8100 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT8100
Description  16-BIT, 5 MSPS CMOS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT8100 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT8100 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
1/9/02
SPT8100
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=+5.0 V, OVDD= 3.3 V, ƒS=5 MSPS, 2.5 VPP input span, Gain=0 dB, REXT=1.43 kΩ, unless
otherwise specified.
TEST
TEST
SPT8100
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance1
Effective Number of Bits
ADC Input = –1 dBFS2
ƒIN = 60 kHz
IV
12.2
13.0
Bits
ƒIN = 900 kHz
V
12.7
Bits
Signal-to-Noise Ratio
(without Harmonics)
ADC Input = –1 dBFS2
ƒIN = 75 kHz
IV
78
81
dB
ƒIN = 900 kHz
V
80
dB
Harmonic Distortion
ADC Input = –0.5 dBFS
ƒIN = 60 kHz
IV
–92
–84
dB
ƒIN = 900 kHz
V
–82
dB
Signal-to-Noise and Distortion
(SINAD)
ADC Input = –1 dBFS
ƒIN = 60 kHz
IV
75
80
dB
ƒIN = 900 kHz
V
78
dB
Spurious Free Dynamic Range3
ƒIN = 60 kHz
ADC Input = –0.5 dB
IV
85
94
dBc
ƒIN = 900 kHz
V
94
dBc
ƒIN = 2 MHz
REXT = 1 kΩ @ 10 MSPS
V
83
dBc
ƒIN = 3 MHz
REXT = 1 kΩ @ 10 MSPS
V
78
dBc
Two-Tone Intermodulation
3rd Order Distortion
ƒ1=400 kHz, ƒ2=410 kHz4
V
–94
dB
ƒ1=890 kHz, ƒ2=900 kHz5
V
–89
dB
Inputs
GS0–GS2 Logic 1 Voltage
VI
2.4
V
GS0–GS2 Logic 0 Voltage
VI
0.8
V
CLK, RS Logic 1 Voltage
VI
2.0
V
CLK, RS Logic 0 Voltage
VI
0.8
V
Maximum Input Current Low
VI
–10
+10
µA
Maximum Input Current High
VI
–10
+10
µA
Input Capacitance
V
5
pF
Digital Outputs
Logic 1 Voltage
IOH = –2 mA
VI
OVDD – 0.5
V
Logic 0 Voltage
IOL = 2 mA
VI
0.4
V
CLK to Output Delay Time (tD)CLOAD = 20 pF
IV
30
ns
Power Supply Requirements
Voltages
OVDD
IV
3.0
3.3
5.25
V
AVDD
IV
4.75
5.0
5.25
V
DVDD
IV
4.75
5.0
5.25
V
Currents
IDD
VI
93
103
mA
Power Dissipation
VI
465
515
mW
1
Dynamic performance tested at ƒS=4.4 MSPS
2
0 dBFS is 5.0 V peak-to-peak differential
3
ADC Input = –8.1 dBFS, unless otherwise noted
4
Test Conditions: PGA setting of 5.8 dB; Analog Input at ADC = –0.7 dB
5
Test Conditions: PGA setting of 0 dB; Analog Input at ADC = –1.9 dB
TEST LEVEL CODES
All electrical characteristics are subject
to the following conditions:
All parameters having min/max specifi-
cations are guaranteed. The Test Level
column indicates the specific device
testing actually performed during
production and Quality Assurance
inspection. Any blank section in the data
column indicates that the specification is
not tested at the specified condition.
TEST LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteriza-
tion data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com