Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT8100 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT8100
Description  16-BIT, 5 MSPS CMOS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT8100 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT8100 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT8100
16-BIT, 5 MSPS CMOS A/D CONVERTER
TECHNICAL DATA
JANUARY 9, 2002
FEATURES
• 16-bit, 5 MSPS CMOS analog-to-digital converter
• On-chip PGA: gain range from 0 to 19.5 dB in seven
selectable settings:
0 dB, +2.9 dB, +5.8 dB, +11.8 dB, +14.8 dB, +17.5 dB,
+19.5 dB
• DLE: ±0.5 LSB, ILE: ±1.25 LSB
• SFDR: 94 dB @ ƒ IN = 900 kHz, –8.1 dBFS
• Internal sample-and-hold and voltage reference
• Power dissipation: 465 mW at 5 MSPS
• +5 V analog supply and +3.3 to +5.25 V digital output
supply
• 44-lead LQFP plastic package
APPLICATIONS
• Data acquisition systems
• IR imaging
• Scanners and digital copiers
• High-end CCD cameras
• Medical imaging
• Wireless communications
• Lab and test equipment
• Automatic test equipment
DESCRIPTION
The SPT8100 is a high-performance, 16-bit analog-to-
digital converter that operates at a sample rate of up to
5 MSPS. Excellent dynamic performance and high linear-
ity is achieved by a digitally calibrated pipelined architec-
ture fabricated in CMOS process technology.
A low-noise programmable gain amplifier (PGA) is also in-
corporated on chip. The PGA is digitally programmable in
seven selected settings over a 0 to +19.5 dB range. The
SPT8100 also features an on-chip internal sample-and-
hold and internal reference for minimal external circuitry.
It operates from a single +5 V supply. Total power dissipa-
tion, including internal reference, is 465 mW. A separate
digital output supply pin is provided for +3.3 V or 5 V logic
output levels. The SPT8100 is available in a 44-lead LQFP
package over the industrial temperature range of –40 °C to
+85 °C.
AGND
Low-Noise
PGA
16-bit, 5 MSPS ADC
VREF
GS2 – GS0
(Gain Set)
VIN+
VIN–
16-bits
D15 – D0
(Data Outputs)
OVR (Over-Range)
DVDD
+5V
OVDD
+3/5 V
BIASR
(Ext Bias
Resistor)
CLK
VCM
OE (Output Enable)
BIASC
(Ext Bias
Capacitor)
RDY (Ready)
AVDD
+5V
OGND
DGND
RS (Reset)
VRT
VRB
BLOCK DIAGRAM


Similar Part No. - SPT8100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT8100 FAIRCHILD-SPT8100 Datasheet
91Kb / 10P
16-BIT, 5 MSPS CMOS A/D CONVERTER
SPT8100SIT FAIRCHILD-SPT8100SIT Datasheet
91Kb / 10P
16-BIT, 5 MSPS CMOS A/D CONVERTER
More results

Similar Description - SPT8100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
logo
Fairchild Semiconductor
SPT8100 FAIRCHILD-SPT8100 Datasheet
91Kb / 10P
16-BIT, 5 MSPS CMOS A/D CONVERTER
logo
ELAN Microelectronics C...
EM19101 EMC-EM19101 Datasheet
105Kb / 6P
8-BIT 5 MSPS A/D CONVERTER (CMOS)
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
12-Bit, 5 MSPS A/D Converter
10 1998
logo
Analog Devices
AD9726 AD-AD9726 Datasheet
613Kb / 24P
16-Bit, 600 MSPS D/A Converter
11/05-Rev. 0 to Rev. A
AD10678 AD-AD10678 Datasheet
673Kb / 10P
16-Bit, 80 MSPS A/D Converter
12/03-Data sheet changed from REV. 0 to REV.A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
16-Bit, 65 MSPS A/D Converter
Rev. D
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
16-Bit, 80 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com