Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22X5YA Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # TMC22X5YA
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22X5YA Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button TMC22X5YA Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
PRODUCT SPECIFICATION
TMC22x5yA
REV. 1.0.0 2/4/03
13
Control Register Definitions (continued)
Burst Loop Control (02)
76543210
BLLRST
VIPEN
LOCK
BLM
KILD
DMODBY
CINT
Reg
Bit
Name
Description
02
7
BLLRST
BLL reset enable. When LOW, the automatic BLL reset is disabled. When
HIGH, the BLL will be reset if the BLL loses lock and fails to reacquire lock
within 8 fields.
input devices. Active only when LOCK1-0 = 10.
02
5-4
LOCK
Global Lock mode. Sets the decoder locking mode.
02
3
BLM
BLL lock mode. Sets the decoder burst locking mode.
02
2
KILD
Color kill disable. Color killer is disabled when HIGH.
02
1
DMODBY
Demod bypass. Chroma data bypasses the demodulator when HIGH.
02
0
CINT
CBCR interpolation enable. Interpolation of CBCR input data from 0:2:2 to
0:4:4 is enabled when HIGH.
VIPEN
Function
0
Video Input Processor Interface
1
TMC22071 Interface
LOCK
Function
00
Line Locked Mode
01
Subcarrier Locked Mode
10
Video Input Processor Mode
11
D1 Mode
BLM
Function
0
Frequency Lock
1
Phase Lock
02
6
VIPEN
Video Input Processor enable. Selects interface protocol for CADEKA video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com