Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22X5YA Datasheet(PDF) 21 Page - Cadeka Microcircuits LLC.

Part # TMC22X5YA
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22X5YA Datasheet(HTML) 21 Page - Cadeka Microcircuits LLC.

Back Button TMC22X5YA Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 25Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
PRODUCT SPECIFICATION
TMC22x5yA
REV. 1.0.0 2/4/03
21
Control Register Definitions (continued)
Comb Filter Control (0D)
76543210
CEST
CESG
YESG
CESTBY
XFEN
FAST
YWBY
Reg
Bit
Name
Description
0D
7-6
CEST
Chroma error signal transform.
0D
5
CESG
Chroma error signal gain.
0D
4
YESG
Luma error signal gain.
0D
3
CESTBY
Chroma error signal bypass. When HIGH, bypasses chroma error signal.
0D
2
XFEN
XLUT filter enable. When HIGH, enables the LPF on the XLUT output.
0D
1
FAST
Adaption speed select. When HIGH, the 3 line comb filter selects between
comb filter architectures on a pixel by pixel basis. When LOW, the selection
is filtered.
0D
0
YWBY
Luma weighting bypass. When HIGH bypasses the luma fail weighting.
CEST
Video Standard
Clock Rate (MHz)
00
PAL/NTSC
4*Fsc & 13.5MHz
01
NTSC
12.27MHz
10
PAL
14.75MHz
11
PAL
15MHz
CESG
Function
0
Normal chroma fail signal levels
1
Double the chroma error signal levels
YESG
Function
0
Normal luma fail signal levels
1
Double the luma error signal levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com