Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1066 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM1066
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM1066 Datasheet HTML 2Page - STMicroelectronics STM1066 Datasheet HTML 3Page - STMicroelectronics STM1066 Datasheet HTML 4Page - STMicroelectronics STM1066 Datasheet HTML 5Page - STMicroelectronics STM1066 Datasheet HTML 6Page - STMicroelectronics STM1066 Datasheet HTML 7Page - STMicroelectronics STM1066 Datasheet HTML 8Page - STMicroelectronics STM1066 Datasheet HTML 9Page - STMicroelectronics STM1066 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Description
STM1066
6/20
Figure 2.
6-bump flip chip connections
Table 1.
Pin descriptions
Pin
Symbol
Function
1A
VIN
Supply for output pin (OUT)
1B
EN
Enable from USB VBUS
1C
GND
Ground
2A
OUT
Output
2B
INH
Active high. Inhibits device
2C
VCC
Chip supply
VIN
EN
GND
OUT
INH
VCC
1
2
BC
ai 13915
A
A
BC
1
OUT
INH
V
CC
V
IN
EN
GND
2
bottom view, bumps up
top view, bumps down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com