Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1066 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM1066
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066 Datasheet(HTML) 1 Page - STMicroelectronics

  STM1066 Datasheet HTML 1Page - STMicroelectronics STM1066 Datasheet HTML 2Page - STMicroelectronics STM1066 Datasheet HTML 3Page - STMicroelectronics STM1066 Datasheet HTML 4Page - STMicroelectronics STM1066 Datasheet HTML 5Page - STMicroelectronics STM1066 Datasheet HTML 6Page - STMicroelectronics STM1066 Datasheet HTML 7Page - STMicroelectronics STM1066 Datasheet HTML 8Page - STMicroelectronics STM1066 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
April 2008
Rev 4
1/20
1
STM1066
Smart voltage supervisor
Features
■ Operating voltage 2.7 V to 5.5 V
■ Supply current of 1.5 µA (typ)
■ Factory-trimmed voltage threshold from 3.2 V
to 3.5 V in 50 mV increments
■ ±3% voltage threshold accuracy across
temperature
■ Enable and inhibit inputs (EN, INH)
■ Power supply transient immunity
■ Current limited output of 15 mA (max)
■ Available in flip chip 6-bump package
■ Operating temperature –30°C to +85°C
Applications
■ Portable devices
■ Cell phones/smart phones
■ PDA
■ Palmtops
■ Organizers
■ Portable audio/video players
■ Portable terminals
Flip chip
(6-bump)
www.st.com


Similar Part No. - STM1066

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061 Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
STM1061 STMICROELECTRONICS-STM1061 Datasheet
193Kb / 23P
Low Power Voltage Detector
27-Jul-2006
STM1061N16W6F STMICROELECTRONICS-STM1061N16W6F Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
STM1061N16WX6F STMICROELECTRONICS-STM1061N16WX6F Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
STM1061N17W6F STMICROELECTRONICS-STM1061N17W6F Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
More results

Similar Description - STM1066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI-TL7700 Datasheet
144Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
SUPPLY VOLTAGE SUPERVISOR
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
Voltage Supervisor
2005
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
Smart voltage supervisor
27-May-2008
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
Dual Voltage Supervisor
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
UT01VS50L Voltage Supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com