Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2242AR2C Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # TMC2242AR2C
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242AR2C Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button TMC2242AR2C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PRODUCT SPECIFICATION
TMC2242A/TMC2242B
8
Table 6. TMC2242B Steady-State Output Values and Limiter Triggers (L) versus Input Data
Interpolation Modes
Decimation and Equal-Rate Modes
Performance Curves
Figure 1. Frequency Response
Input
INT = 0 and DEC = 0
INT = 0 and DEC = 1
Interpretation
TCO = 0
TCO = 1
TCO = 0
TCO = 1
7FF
0000 (L)
7FFF (L)
4000 (L)
3FFF (L)
+ full-scale
400
3FEF / 3FDF
4010 / 4020
5FF7 / 5FEF
2008 / 2010
+1/2 scale
001
7FEF
0010
7FF7
0008
+1 LSB
000
7FFF
0000
7FFF
0000
Zero
FFF
800F
FFF0
8007
FFF8
-1 LSB
C00
C00F / C01F
BFF0 / BFE0
A007 / A00F
DFF8 / DFF0
-1/2 scale
801
FFFF
8000 (L)
BFFF
C000 (L)
- full-scale
Input
INT = 1
Interpretation
TCO = 0
TCO = 1
7FF
0000 (L)
7FFF (L)
+ full-scale
400
3FE7
4018
+1/2 scale
001
7FEF
0010
+1 LSB
000
7FFF
0000
Zero
FFF
800F
FFF0
-1 LSB
C00
C017
BFE8
-1/2 scale
801
FFFF (L)
8000 (L)
- full-scale
Normalized Frequency
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
0.10
0.20
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com